Electronic Components Datasheet Search
  English  ▼

X  

STF20N65M5 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STF20N65M5
Description  N-channel 650 V, 0.160 Ω typ., 18 A MDmesh M5 Power MOSFETs in TO-220FP, I²PAKFP and TO-3PF packages
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF20N65M5 Datasheet(HTML) 5 Page - STMicroelectronics

  STF20N65M5 Datasheet HTML 1Page - STMicroelectronics STF20N65M5 Datasheet HTML 2Page - STMicroelectronics STF20N65M5 Datasheet HTML 3Page - STMicroelectronics STF20N65M5 Datasheet HTML 4Page - STMicroelectronics STF20N65M5 Datasheet HTML 5Page - STMicroelectronics STF20N65M5 Datasheet HTML 6Page - STMicroelectronics STF20N65M5 Datasheet HTML 7Page - STMicroelectronics STF20N65M5 Datasheet HTML 8Page - STMicroelectronics STF20N65M5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
STF20N65M5,STFI20N65M5,STFW20N65M5
Electrical characteristics
DocID024223 Rev 3
5/18
Table 7: Switching times
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(V)
Voltage delay time
VDD = 400 V, ID = 12 A,
RG
= 4.7 Ω, VGS = 10 V
(see Figure 19: "Test circuit for
inductive load switching and
diode recovery times" and Figure
22: "Switching time waveform")
-
43
-
ns
tr(V)
Voltage rise time
-
7.5
-
ns
tf(i)
Current fall time
-
7.5
-
ns
tc(off)
Crossing time
-
11.5
-
ns
Table 8: Source drain diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ISD
Source-drain current
-
18
A
ISDM(1)
Source-drain current
(pulsed)
-
36
A
VSD(2)
Forward on voltage
ISD = 18 A, VGS = 0
-
1.5
V
trr
Reverse recovery time
ISD = 18 A,
di/dt = 100 A/µs
VDD = 100 V
(see Figure 19: "Test circuit for
inductive load switching and
diode recovery times")
-
288
ns
Qrr
Reverse recovery
charge
-
4
µC
IRRM
Reverse recovery
current
-
27
A
trr
Reverse recovery time
ISD = 18 A,
di/dt = 100 A/µs
VDD = 100 V, Tj = 150 °C
(see Figure 19: "Test circuit for
inductive load switching and
diode recovery times")
-
342
ns
Qrr
Reverse recovery
charge
-
4.7
µC
IRRM
Reverse recovery
current
-
28
A
Notes:
(1)Pulse width limited by safe operating area
(2)Pulsed: pulse duration = 300 µs, duty cycle 1.5%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com