Electronic Components Datasheet Search
  English  ▼

X  

STF40N60M2 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STF40N60M2
Description  N-channel 600 V, 0.078 Ω typ., 34 A MDmesh M2 Power MOSFETs in TO-220FP, I2PAKFP and TO-3PF packages
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF40N60M2 Datasheet(HTML) 5 Page - STMicroelectronics

  STF40N60M2 Datasheet HTML 1Page - STMicroelectronics STF40N60M2 Datasheet HTML 2Page - STMicroelectronics STF40N60M2 Datasheet HTML 3Page - STMicroelectronics STF40N60M2 Datasheet HTML 4Page - STMicroelectronics STF40N60M2 Datasheet HTML 5Page - STMicroelectronics STF40N60M2 Datasheet HTML 6Page - STMicroelectronics STF40N60M2 Datasheet HTML 7Page - STMicroelectronics STF40N60M2 Datasheet HTML 8Page - STMicroelectronics STF40N60M2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
DocID026364 Rev 2
5/18
STF40N60M2, STFI40N60M2, STFW40N60M2
Electrical characteristics
18
Table 7. Switching times
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
Turn-on delay time
VDD = 300 V, ID = 34 A,
RG = 4.7 Ω, VGS = 10 V
(see Figure 16: Switching
times test circuit for
resistive load and
Figure 21: Switching time
waveform)
-
20.5
-
ns
tr
Rise time
-
13.5
-
ns
td(off)
Turn-off-delay time
-
96
-
ns
tf
Fall time
-
11
-
ns
Table 8. Source drain diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ISD
Source-drain current
-
34
A
ISDM
(1)
1.
Pulse width limited by safe operating area.
Source-drain current (pulsed)
-
136
A
VSD
(2)
2.
Pulsed: pulse duration = 300 µs, duty cycle 1.5%
Forward on voltage
ISD = 34 A, VGS = 0
-
1.6
V
trr
Reverse recovery time
ISD = 34 A, di/dt = 100 A/µs
VDD = 60 V (see Figure 18:
Test circuit for inductive load
switching and diode
recovery times)
-
440
ns
Qrr
Reverse recovery charge
-
8.2
µC
IRRM
Reverse recovery current
-
37
A
trr
Reverse recovery time
ISD = 34 A, di/dt = 100 A/µs
VDD = 60 V, Tj = 150 °C
(see Figure 18: Test circuit
for inductive load switching
and diode recovery times)
-
568
ns
Qrr
Reverse recovery charge
-
11.5
µC
IRRM
Reverse recovery current
-
40.5
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com