Electronic Components Datasheet Search
  English  ▼

X  

STGIPL14K60 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STGIPL14K60
Description  SLLIMM™ (small low-loss intelligent molded module)IPM, 3-phase inverter, 15 A, 600 V short-circuit rugged IGBT
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGIPL14K60 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STGIPL14K60 Datasheet HTML 4Page - STMicroelectronics STGIPL14K60 Datasheet HTML 5Page - STMicroelectronics STGIPL14K60 Datasheet HTML 6Page - STMicroelectronics STGIPL14K60 Datasheet HTML 7Page - STMicroelectronics STGIPL14K60 Datasheet HTML 8Page - STMicroelectronics STGIPL14K60 Datasheet HTML 9Page - STMicroelectronics STGIPL14K60 Datasheet HTML 10Page - STMicroelectronics STGIPL14K60 Datasheet HTML 11Page - STMicroelectronics STGIPL14K60 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
Electrical characteristics
STGIPL14K60, STGIPL14K60-S
8/26
DocID15589 Rev 11
3
Electrical characteristics
Tj = 25 °C unless otherwise specified.
Note:
ton and toff include the propagation delay time of the internal drive. tC(ON) and tC(OFF) are the
switching time of IGBT itself under the internally given gate driving condition.
Table 7. Inverter part
Symbol
Parameter
Test condition
Value
Unit
Min.
Typ.
Max.
VCE(sat)
Collector-emitter
saturation voltage
VCC = VBoot = 15 V, VIN
(1)= 0 ÷ 5 V,
IC = 7 A
-2.1
2.5
V
VCC = VBoot = 15 V, VIN
(1)= 0 ÷ 5 V,
IC = 7 A, Tj= 125 °C
-1.8
ICES
Collector-cut off current
(VIN
(1)=0 “logic state”)
VCE = 550 V
VCC = Vboot = 15 V
-
150
µA
VF
Diode forward voltage
VIN
(1) = 0 “logic state”, I
C = 7 A
-
2.1
V
Inductive load switching time and energy
ton
Turn-on time
VDD = 300 V,
VCC = Vboot = 15 V,
VIN
(1)= 0 ÷ 5 V,
IC = 7 A
(see Figure 3)
-270
ns
tc(on)
Crossover time (on)
-
130
toff
Turn-off time
-
320
tc(off)
Crossover time (off)
-
110
trr
Reverse recovery time
-
130
Eon
Turn-on switching losses
-
150
µJ
Eoff
Turn-off switching losses
-
90
1.
Applied between HINi LINi and GND for i = U, V, W (LIN inputs are active-low).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com