Electronic Components Datasheet Search
  English  ▼

X  

STGW60V60DF Datasheet(PDF) 6 Page - STMicroelectronics

Part # STGW60V60DF
Description  Trench gate field-stop IGBT, V series 600 V, 60 A very high speed
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGW60V60DF Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STGW60V60DF Datasheet HTML 2Page - STMicroelectronics STGW60V60DF Datasheet HTML 3Page - STMicroelectronics STGW60V60DF Datasheet HTML 4Page - STMicroelectronics STGW60V60DF Datasheet HTML 5Page - STMicroelectronics STGW60V60DF Datasheet HTML 6Page - STMicroelectronics STGW60V60DF Datasheet HTML 7Page - STMicroelectronics STGW60V60DF Datasheet HTML 8Page - STMicroelectronics STGW60V60DF Datasheet HTML 9Page - STMicroelectronics STGW60V60DF Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
Electrical characteristics
STGW60V60DF, STGWA60V60DF, STGWT60V60DF
6/20
DocID024154 Rev 7
2.1
Electrical characteristics (curves)
Figure 2. Power dissipation vs. case
temperature
Figure 3. Collector current vs. temperature case
Figure 4. Output characteristics @ 25 °C
Figure 5. Output characteristics @ 175 °C
Figure 6. VCE(SAT) vs. junction temperature
Figure 7. VCE(SAT) vs. collector current
AM17139v1
0
50
100
150
200
250
300
350
0
25
50
75
100 125 150 175
Ptot (W)
TC (°C)
AM17140v1
0
10
20
30
40
50
60
70
80
025
50
75
100 125 150 175
IC (A)
TC (°C)
VGE > 15 V, TJ < 175 °C
__
AM17141v1
0
50
100
150
200
01234
Ic (A)
VCE(V)
9 V
11 V
13 V
VGE=15 V
7 V
TJ =25 °C
AM17142v1
0
50
100
150
200
01234
IC(A)
VCE (V)
VGE=15 V
T
J =17 5 °C
9 V
11 V
7 V
13 V
AM17143v1
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
3.2
-50 -25
0
25
50
75 100 125 150 175
VCE(sat)
(V)
TJ (ºC)
I
C = 120 A
I
C = 60 A
I
C = 30 A
V
GE =15 V
AM17144v1
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
3.2
10 20 30 40 50 60 70 80 90 100 110 120
VCE(sat)
(V)
IC(A)
TJ = - 40 °C
TJ = 25 °C
T
J = 175 °C
V
GE = 15 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com