Electronic Components Datasheet Search
  English  ▼

X  

STGWA50IH65DF Datasheet(PDF) 6 Page - STMicroelectronics

Part # STGWA50IH65DF
Description  Trench gate field-stop 650 V, 50 A, soft switching IH series IGBT in a TO-247 long leads package
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGWA50IH65DF Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STGWA50IH65DF Datasheet HTML 2Page - STMicroelectronics STGWA50IH65DF Datasheet HTML 3Page - STMicroelectronics STGWA50IH65DF Datasheet HTML 4Page - STMicroelectronics STGWA50IH65DF Datasheet HTML 5Page - STMicroelectronics STGWA50IH65DF Datasheet HTML 6Page - STMicroelectronics STGWA50IH65DF Datasheet HTML 7Page - STMicroelectronics STGWA50IH65DF Datasheet HTML 8Page - STMicroelectronics STGWA50IH65DF Datasheet HTML 9Page - STMicroelectronics STGWA50IH65DF Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Figure 7. Forward bias safe operating area
IGBT051020171437FSOA
102
101
100
100
101
102
IC
(A)
VCE (V)
tp =1 µs
tp =100 µs
tp =1 ms
tp =10 µs
T j ≤175 °C
T c = 25°C
single pulse
V GE = 15 V
Figure 8. Transfer characteristics
IGBT091020171435TCH
125
100
75
50
25
0
5
7
9
IC
(A)
VGE (V)
Tj = 175 °C
Tj = 25 °C
VCE = 6 V
Figure 9. Diode VF vs forward current
IGBT051020171438DVF
3.0
2.4
1.8
1.2
0.6
0.0
0
20
40
60
80
VF
(V)
IF (A)
Tj = 175 °C
Tj = -40 °C
Tj = 25 °C
Figure 10. Normalized VGE(th) vs junction temperature
IGBT091020171216NVGE
1.1
1.0
0.9
0.8
0.7
0.6
-50
0
50
100
150
VGE(th)
(Norm.)
TJ (°C)
VCE = VGE , IC = 1 mA
Figure 11. Normalized V(BR)CES vs junction temperature
IGBT051020171518NVBR
1.06
1.02
0.98
0.94
0.9
-50
0
50
100
150
V(BR)CES
(Norm.)
TJ (°C)
IC = 1 mA
Figure 12. Capacitance variations
IGBT051020171519CVR
10 3
10 2
10 1
10 -1
10 0
10 1
10 2
C
(pF)
VCE (V)
Cies
Coes
Cres
f = 1 MHz
STGWA50IH65DF
Electrical characteristics (curves)
DS11796 - Rev 3
page 6/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com