Electronic Components Datasheet Search
  English  ▼

X  

STH15810-2 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STH15810-2
Description  N-channel 100 V, 0.0034 Ω typ., 110 A, STripFET™ F7 Power MOSFET in a H2PAK-2 package
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STH15810-2 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STH15810-2 Datasheet HTML 2Page - STMicroelectronics STH15810-2 Datasheet HTML 3Page - STMicroelectronics STH15810-2 Datasheet HTML 4Page - STMicroelectronics STH15810-2 Datasheet HTML 5Page - STMicroelectronics STH15810-2 Datasheet HTML 6Page - STMicroelectronics STH15810-2 Datasheet HTML 7Page - STMicroelectronics STH15810-2 Datasheet HTML 8Page - STMicroelectronics STH15810-2 Datasheet HTML 9Page - STMicroelectronics STH15810-2 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Electrical characteristics
STH15810-2
6/16
DocID025819 Rev 2
2.1
Electrical characteristics (curves)
Figure 2. Safe operating area
Figure 3. Thermal impedance
Figure 4. Output characteristics
Figure 5. Transfer characteristics
Figure 6. Gate charge vs gate-source voltage
Figure 7. Static drain-source on-resistance
ID
10
1
0.1
1
VDS(V)
10
(A)
Operation
in
this
area
is
Limited
by
max
R
DS(on)
10ms
1ms
100
µs
0.1
Tj=175°C
Tc=25°C
Single pulse
100
AM18051v1
Single pulse
δ=0.5
0.05
0.02
0.01
0.1
0.2
K
10
tp(s)
-4
10
-3
10
-1
10
-5
10
-2
10
-2
10
-1
10
0
c
AM18052v1
ID
250
150
50
0
0
2
VDS(V)
4
(A)
6
350
400
5V
6V
VGS=10V
100
200
300
7V
8V
8
AM18042v1
ID
300
200
100
0
0
4
VGS(V)
8
(A)
2
6
50
150
250
VDS=4V
AM18043v1
VGS
6
4
2
0
0
40
Qg(nC)
(V)
120
8
80
10
VDD=50V
ID=110A
12
AM18044v1
RDS(on)
3.380
3.370
3.360
0
20
ID(A)
(m
Ω)
3.390
VGS=10V
40
60
3.400
3.410
3.420
80
100
3.430
AM18053v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com