Electronic Components Datasheet Search
  English  ▼

X  

LM2450 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2450
Description  220V Monolithic Triple Channel 7 MHz DC Coupled CRT DTV Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2450 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM2450 Datasheet HTML 1Page - National Semiconductor (TI) LM2450 Datasheet HTML 2Page - National Semiconductor (TI) LM2450 Datasheet HTML 3Page - National Semiconductor (TI) LM2450 Datasheet HTML 4Page - National Semiconductor (TI) LM2450 Datasheet HTML 5Page - National Semiconductor (TI) LM2450 Datasheet HTML 6Page - National Semiconductor (TI) LM2450 Datasheet HTML 7Page - National Semiconductor (TI) LM2450 Datasheet HTML 8Page - National Semiconductor (TI) LM2450 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Typical Performance Characteristics (V
CC = +220VDC,VBB = +12VDC,CL = 10 pF, VOUT = 130VPP
(60V – 190V), T
C = 50˚C, Test Circuit — Figure 3 unless otherwise specified)
20144304
FIGURE 4. V
OUT vs VIN
20144305
FIGURE 5. LM2450 Pulse Response
20144306
FIGURE 6. Bandwidth
20144307
FIGURE 7. Speed vs Load Capacitance
20144308
FIGURE 8. Speed vs Offset
20144309
FIGURE 9. Speed vs Case Temperature
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com