Electronic Components Datasheet Search
  English  ▼

X  

LTC1760CFW Datasheet(PDF) 39 Page - Linear Technology

Part # LTC1760CFW
Description  Dual Smart Battery System Manager
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1760CFW Datasheet(HTML) 39 Page - Linear Technology

Back Button LTC1760CFW Datasheet HTML 35Page - Linear Technology LTC1760CFW Datasheet HTML 36Page - Linear Technology LTC1760CFW Datasheet HTML 37Page - Linear Technology LTC1760CFW Datasheet HTML 38Page - Linear Technology LTC1760CFW Datasheet HTML 39Page - Linear Technology LTC1760CFW Datasheet HTML 40Page - Linear Technology LTC1760CFW Datasheet HTML 41Page - Linear Technology LTC1760CFW Datasheet HTML 42Page - Linear Technology LTC1760CFW Datasheet HTML 43Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 44 page
background image
LTC1760
39
sn1760 1760is
The LTC1760 has two transient conditions that force the
discharge path P-channel MOSFETs to have two additional
parameters to consider. The parameters are gate charge
QGATE and single pulse power capability.
When the LTC1760 senses a LOW_POWER event, all the
P-channel MOSFETs are turned on simultaneously to
allow voltage recovery due to a loss of a given power
source. However, there is a delay in the time it takes to turn
on all the MOSFETs. Slow MOSFETs will require more bulk
capacitance to hold up all the system’s power supply
function during the transition and fast MOSFET will require
less bulk capacitance. The transition speed of a MOSFET
to an on or off state is a direct function of the MOSFET gate
charge.
t = QGATE/IDRIVE
IDRIVE is the fixed drive current into the gate from the
LTC1760 and “t” is the time it takes to move that charge to
a new state and change the MOSFET conduction mode.
Hence time is directly related to QGATE. Since QGATE goes
up with MOSFETs of lower RDS(ON), choosing such
MOSFETs has a counterproductive increase in gate charge
making the MOSFET slower. Please note that the LTC1760
recovery time specification only refers to the time it takes
for the voltage to recover to the level just prior to the
LOW_POWER event as opposed to full voltage.
The single pulse current rating of MOSFET is important
when a short-circuit takes place. The MOSFET must
survive a 15ms overload. MOSFETs of lower RDS(ON) or
MOSFETs that use more powerful thermal packages will
have a high power surge rating. Using too small of a pulse
rating will allow the MOSFET to blow to the open circuit
condition instantly like a fuse. Typically there is no
outward sign of failure because it happens so fast. Please
measure the surge current for all discharge power paths
under worse case conditions and consult the MOSFET
data sheet for the limitations. Voltage sources with the
highest voltage and the most bulk capacitance are often
the biggest risk. Specifically the MOSFETs in the wall
adapter path with wall adapters of high voltage, large bulk
capacitance and low resistance DC cables between the
adapter and device are the most common failures.
Remember to
only use the real wall adapter with a produc-
tion DC power cord when performing the wall adapter path
test. The use of a laboratory power supply is unrealistic for
this test and will force you to over specify the MOSFET
ratings. A battery pack usually has enough series resis-
tance to limit the peak current or are too low in voltage to
create enough instantaneous power to damage their re-
spective power path MOSFETs.
Conditioning Systems With Large Loads
In systems where the load is too large to be used for
conditioning a single battery it may be necessary to
bypass the built in calibrate function and simply switch in
an external load. A convenient way to accomplish this task
is by using an SMBus based LTC1623 load switch control-
ler. See Figure 10.
APPLICATIO S I FOR ATIO
Figure.10
PowerPath
MUX
LTC1760
CHARGE
MUX
LTC1623
SMBus
SMBus
TO/FROM
HOST
TO
LOAD
CONDITIONING
LOAD
1760 F10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com