Electronic Components Datasheet Search
  English  ▼

X  

LX1701 Datasheet(PDF) 13 Page - Microsemi Corporation

Part # LX1701
Description  2W Filterless Mono Class-D Audio Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX1701 Datasheet(HTML) 13 Page - Microsemi Corporation

Back Button LX1701 Datasheet HTML 9Page - Microsemi Corporation LX1701 Datasheet HTML 10Page - Microsemi Corporation LX1701 Datasheet HTML 11Page - Microsemi Corporation LX1701 Datasheet HTML 12Page - Microsemi Corporation LX1701 Datasheet HTML 13Page - Microsemi Corporation LX1701 Datasheet HTML 14Page - Microsemi Corporation LX1701 Datasheet HTML 15Page - Microsemi Corporation LX1701 Datasheet HTML 16Page - Microsemi Corporation LX1701 Datasheet HTML 17Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
LX1701
PRODUCTION DATA SHEET
Microsemi
Integrated Products Division
11861 Western Avenue, Garden Grove CA. 92841 714-898-8121, FAX 714-893-2570
Page 13
2W Filterless Mono Class-D Audio Amplifier
Copyright
© 2004
Rev. 1.0a, 2004-07-09
TM
®
-5
+5
-3
-1
+1
+3
20
80k
50 100
500 1k
5k 10k
50k
Hz
4OHM,Po=100mW,
300Hz Corner Frequency
VDD=1.8V/3.3V/5.0V
LX1701 2W mono Class-D Audio Amplifier
Frequency Response
dBr
0
+12
+2
+4
+6
+8
+10
20
20k
50
100
200
500
1k
2k
5k
10k
Hz
dBr
LX1701 2W mono Class-D Audio Amplifier
System Gain
4OHM,Po=100mW,
8dB GAIN Setting
VDD=1.8V/3.3V/5.0V
20Hz Corner Freq.
VDD=1.8V/3.3V/5.0V
300Hz Corner Freq.
0
+12
+2
+4
+6
+8
+10
20
20k
50 100
500 1k
5k 10k
Hz
dBr
LX1701 2W mono Class-D Audio Amplifier
System Gain
8OHM,Po=100mW,
8dB GAIN Setting
VDD=1.8V/3.3V/5.0V
20Hz Corner Freq.
VDD=1.8V/3.3V/5.0V
300Hz Corner Freq.
0
+12
+2
+4
+6
+8
+10
20
20k
50 100
500 1k
5k 10k
Hz
dBr
LX1701 2W mono Class-D Audio Amplifier
System Gain
8OHM,Po=100mW,
8dB GAIN Setting
VDD=1.8V/3.3V/5.0V
20Hz Corner Freq.
VDD=1.8V/3.3V/5.0V
300Hz Corner Freq.
0
+20
+2
+4
+6
+8
+10
+12
+14
+16
+18
20
20k
50
100 200
500
1k
2k
5k
10k
Hz
dBr
LX1701 2W mono Class-D Audio Amplifier
System Gain
4OHM,Po=100mW,
14dB GAIN Setting
VDD=1.8V/3.3V/5.0V
20Hz Corner Freq.
VDD=1.8V/3.3V/5.0V
300Hz Corner Freq.
0
+20
+2
+4
+6
+8
+10
+12
+14
+16
+18
20
20k
50 100
500 1k
5k 10k
Hz
dBr
LX1701 2W mono Class-D Audio Amplifier
System Gain
8OHM,Po=100mW,
14dB GAIN Setting
VDD=1.8V/3.3V/5.0V
20Hz Corner Freq.
VDD=1.8V/3.3V/5.0V
300Hz Corner Freq.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com