Electronic Components Datasheet Search
  English  ▼

X  

STK32N4LLF5 Datasheet(PDF) 9 Page - STMicroelectronics

Part # STK32N4LLF5
Description  N-channel 40 V, 0.0017 Ω, 32 A, PolarPAK® STripFET™ V Power MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STK32N4LLF5 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STK32N4LLF5 Datasheet HTML 4Page - STMicroelectronics STK32N4LLF5 Datasheet HTML 5Page - STMicroelectronics STK32N4LLF5 Datasheet HTML 6Page - STMicroelectronics STK32N4LLF5 Datasheet HTML 7Page - STMicroelectronics STK32N4LLF5 Datasheet HTML 8Page - STMicroelectronics STK32N4LLF5 Datasheet HTML 9Page - STMicroelectronics STK32N4LLF5 Datasheet HTML 10Page - STMicroelectronics STK32N4LLF5 Datasheet HTML 11Page - STMicroelectronics STK32N4LLF5 Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
STK32N4LLF5
Package mechanical data
9/12
Table 8.
PolarPAK
® option “L” mechanical data
Dim.
mm
Min.
Typ.
Max.
A
0.750.800.85
A1
0.05
b1
0.48
0.58
0.68
b2
0.41
0.51
0.61
b3
2.19
2.29
2.39
b4
0.89
1.04
1.19
b5
0.23
0.33
0.43
c
0.200.250.30
D
6
6.15
6.30
D1
5.74
5.89
6.04
E
5.015.165.31
E1
4.75
4.90
5.05
H1
0.23
0.38
H2
0.45
0.51
0.56
H3
0.31
0.41
0.51
H4
0.45
0.51
0.56
K1
4.22
4.37
4.52
K2
1.08
1.13
1.18
K3
1.37
K4
0.24
M1
4.30
4.50
4.70
M2
3.43
3.58
3.73
M3
0.22
M4
0.05
P1
0.15
0.20
0.25
T1
3.48
3.64
4.10
T2
0.56
0.76
0.95
T3
1.20
T4
3.90
T5
0.18
0.36
<
0°
10°
12°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com