Electronic Components Datasheet Search
  English  ▼

X  

BY396 Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # BY396
Description  SOFT RECOVERY, FAST SWITCHING PLASTIC RECTIFIER(VOLTAGE - 100 to 800 Volts CURRENT - 3.0 Amperes)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

BY396 Datasheet(HTML) 2 Page - Pan Jit International Inc.

  BY396 Datasheet HTML 1Page - Pan Jit International Inc. BY396 Datasheet HTML 2Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING AND CHARACTERISTIC CURVES
BY396 THRU BY399
4.0
3.0
2.0
1.0
0
0
20
40
60
80
100
120
140
RESISTIVE OR INDUCTIVE
LOAD .375" 9.5mm LEAD
LENGTHS
AMBIENT TEMPERATURE, ¢J
200
100
50
10
1
5
10
50
100
TJ = 50¢J 10ms SINGLE
HALF SINE-WAVE AT
RATED LOAD
NUMBER OF CYCLES AT 60Hz
Fig. 1-FORWARD CURRENT DERATING CURVE
Fig. 2-MAXIMUM NON-REPETITIVE PEAK FORWARD
SURGE CURRENT
100
50
10
5.0
1.0
0.5
0.1
.05
.01
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
TJ = 25 ¢J
PULSE WIDTH = 300uS
2% DUTY CYCLE
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
10
1
0.1
0.01
0
20
40
60
80
100
120
140
TJ = 100¢J
TJ = 50¢J
TJ = 25 ¢J
PERCENT OF RATED PEAK REVERSE VOLTAGE
Fig. 3-TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
Fig. 4-TYPICAL REVERSE CHARACTERISTICS
100
60
10
5
1
1
4
10
50
100
TJ = 25 ¢J
REVERSE VOLTAGE, VOLTS
Fig. 5-TYPICAL JUNCTION CAPACITANCE



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com