Electronic Components Datasheet Search
  English  ▼

X  

STM32L010R8 Datasheet(PDF) 9 Page - STMicroelectronics

Part # STM32L010R8
Description  Value line ultra-low-power 32-bit MCU Arm®-based Cortex®-M0,64-Kbyte Flash memory, 8-Kbyte SRAM, 256-byte EEPROM, ADC
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L010R8 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STM32L010R8 Datasheet HTML 5Page - STMicroelectronics STM32L010R8 Datasheet HTML 6Page - STMicroelectronics STM32L010R8 Datasheet HTML 7Page - STMicroelectronics STM32L010R8 Datasheet HTML 8Page - STMicroelectronics STM32L010R8 Datasheet HTML 9Page - STMicroelectronics STM32L010R8 Datasheet HTML 10Page - STMicroelectronics STM32L010R8 Datasheet HTML 11Page - STMicroelectronics STM32L010R8 Datasheet HTML 12Page - STMicroelectronics STM32L010R8 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 92 page
background image
DS12325 Rev 3
9/92
STM32L010K8 STM32L010R8
Description
28
2
Description
The ultra-low-power STM32L010K8/R8 microcontrollers incorporate the high-performance
Arm® Cortex®-M0+ 32-bit RISC core operating at 32 MHz, high-speed embedded memories
(64 Kbytes of Flash program memory, 256 bytes of data EEPROM and 8 Kbytes of RAM)
plus an extensive range of enhanced I/Os and peripherals.
The STM32L010K8/R8 provide high power efficiency over a wide performance range. This
is achieved with a large choice of internal and external clock sources, internal voltage
adaptation, and several low-power modes.
The STM32L010K8/R8 offer several analog features: one 12-bit ADC with hardware
oversampling, several timers, one low-power timer (LPTIM), two general-purpose 16-bit
timers, one RTC and one SysTick that can be used as timebases. The STM32L010K8/R8
also feature two watchdogs, one watchdog with independent clock and window capability,
and one window watchdog based on the bus clock.
Moreover, the STM32L010K8/R8 embed standard and advanced communication interfaces:
one I2C, one SPI, one USART, and a low-power UART (LPUART).
The STM32L010K8/R8 also include a real-time clock and a set of backup registers that
remain powered in Standby mode.
The ultra-low-power STM32L010K8/R8 operate from a 1.8 to 3.6 V power supply and in the
–
40 to + 85 °C temperature range. A comprehensive set of power-saving modes allows the
design of low-power applications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com