Electronic Components Datasheet Search
  English  ▼

X  

STP75N15 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STP75N15
Description  N-CHANNEL 150V - 0.02Ω - 75A TO-220/D²PAK/TO-247 LOW GATE CHARGE STripFET™ MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP75N15 Datasheet(HTML) 3 Page - STMicroelectronics

  STP75N15 Datasheet HTML 1Page - STMicroelectronics STP75N15 Datasheet HTML 2Page - STMicroelectronics STP75N15 Datasheet HTML 3Page - STMicroelectronics STP75N15 Datasheet HTML 4Page - STMicroelectronics STP75N15 Datasheet HTML 5Page - STMicroelectronics STP75N15 Datasheet HTML 6Page - STMicroelectronics STP75N15 Datasheet HTML 7Page - STMicroelectronics STP75N15 Datasheet HTML 8Page - STMicroelectronics STP75N15 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3/10
STP75N15 - STB75N15 - STW75N15
ELECTRICAL CHARACTERISTICS (TCASE =25°C UNLESS OTHERWISE SPECIFIED)
Table 6: On/Off
Table 7: Dynamic
Table 8: Source Drain Diode
(1) Pulsed: Pulse duration = 300 µs, duty cycle 1.5 %.
(2) Pulse width limited by safe operating area.
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source
Breakdown Voltage
ID = 250 µA, VGS = 0
150
V
IDSS
Zero Gate Voltage
Drain Current (VGS = 0)
VDS = Max Rating
VDS = Max Rating, TC = 125 °C
1
10
µA
µA
IGSS
Gate-body Leakage
Current (VDS = 0)
VGS = ± 26V
±100
nA
VGS(th)
Gate Threshold Voltage
VDS = VGS, ID = 250 µA
2
3
4
V
RDS(on)
Static Drain-source On
Resistance
VGS = 10V, ID = 37.5 A
0.023
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
gfs (1)
Forward Transconductance
VDS = 75 V, ID=37.5 A
TBD
S
Ciss
Coss
Crss
Input Capacitance
Output Capacitance
Reverse Transfer
Capacitance
VDS = 25V, f = 1 MHz, VGS = 0
4500
TBD
TBD
pF
pF
pF
td(on)
tr
td(off)
tr
Turn-on Delay Time
Rise Time
Turn-off Delay Time
Fall Time
VDD = 75V, ID = 37.5 A,
RG= 4.7 Ω VGS = 10 V
( see Figure 4)
TBD
TBD
TBD
TBD
ns
ns
ns
ns
Qg
Qgs
Qgd
Total Gate Charge
Gate-Source Charge
Gate-Drain Charge
VDD = 126V, ID = 75 A,
VGS = 10V
(Figure 7)
110
TBD
TBD
TBD
nC
nC
nC
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ISD
ISDM (2)
Source-drain Current
Source-drain Current (pulsed)
75
300
A
A
VSD (1)
Forward On Voltage
ISD = 75 A, VGS = 0
1.5
V
trr
Qrr
IRRM
Reverse Recovery Time
Reverse Recovery Charge
Reverse Recovery Current
ISD = 37.5 A, di/dt = 100A/µs
VDD = 75 V, Tj = 25°C
(see test circuit, Figure 5)
TBD
TBD
TBD
ns
µC
A
trr
Qrr
IRRM
Reverse Recovery Time
Reverse Recovery Charge
Reverse Recovery Current
ISD = 37.5 A, di/dt = 100A/µs
VDD = 75 V, Tj = 150°C
(see test circuit, Figure 5)
TBD
TBD
TBD
ns
µC
A



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com