Electronic Components Datasheet Search
  English  ▼

X  

MAX3570 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX3570
Description  HI-IF Single-Chip Broadband Tuners
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3570 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX3570 Datasheet HTML 9Page - Maxim Integrated Products MAX3570 Datasheet HTML 10Page - Maxim Integrated Products MAX3570 Datasheet HTML 11Page - Maxim Integrated Products MAX3570 Datasheet HTML 12Page - Maxim Integrated Products MAX3570 Datasheet HTML 13Page - Maxim Integrated Products MAX3570 Datasheet HTML 14Page - Maxim Integrated Products MAX3570 Datasheet HTML 15Page - Maxim Integrated Products MAX3570 Datasheet HTML 16Page - Maxim Integrated Products MAX3570 Datasheet HTML 17Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
HI-IF Single-Chip Broadband Tuners
______________________________________________________________________________________
13
BIT ID
BIT NAME
BIT LOCATION (0 = LSB)
FUNCTION
XX
7, 6
Reserved
F
HI-IF Filter Control
5, 4
HI-IF Filter Control:
• 00 = Step down 5MHz
• 01 = Nominal
• 11 = Step up 5MHz
MUX
Lock-Detect and MUX
Output Control
3–0
Lock-Detect and MUX Output Control:
• 0000 = Normal, low-noise operation
• 0001 = Lock detect for the 1st VCO
• 0010 = Lock detect for the 2nd VCO
• 0011 = 1st VCO N-divider
• 0100 = 1st VCO R-divider
• 0101 = 2nd VCO N-divider
• 0110 = 2nd VCO R-divider
• 0111 = Reference oscillator
• 1000 = AND output of lock detector
• 1001 = NAND output of lock detector
• 1010 = 1st VCO VTUNE over/under indicator
• 1011 = 2nd VCO VTUNE over/under indicator
Table 11. HI-IF Step Control and MUX Output Register (HI-IF)
MSB
LSB
8 DATA BITS
REGISTER
NUMBER
REGISTER
NAME
D7
D6
D5
D4
D3
D2
DB1
D0
1
LD_POR
LOCK1
LOCK2
POR
OU1
OU2
X
X
X
Table 12. Read Mode Register Configuration
BIT ID
BIT NAME
BIT LOCATION
(0 = LSB)
FUNCTION
LOCK1
LOCK1
7
Lock indicator for 1st VCO (see Table 15)
LOCK2
LOCK2
6
Lock indicator for 2nd VCO
POR
POR
5
Power-on reset indicator; 1 indicates successful power-on reset
OU1
OU1
4
Over or Under VTUNE indicator for 1st VCO (see Table 15)
OU2
OU2
3
Over or Under VTUNE indicator for 2nd VCO
XX
2, 1, 0
Reserved
Table 14. Lock Detect and POR Register
REGISTER NUMBER
REGISTER NAME
FUNCTION
1
LD_POR
Lock detect and power-on reset
Table 13. Read Mode Register Description
LOCK1
OU1
DESCRIPTION
1x
1st VCO locked
00
(Under) Choose next lower tank
01
(Over) Choose next higher tank
Table 15. 1st VCO Truth Table



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com