Electronic Components Datasheet Search
  English  ▼

X  

TLS2205DL Datasheet(PDF) 23 Page - Texas Instruments

Part # TLS2205DL
Description  VOICE - COIL MOTOR DRIVER, SPINDLE - MOTOR DRIVER, AND VOLTAGE MONITOR
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLS2205DL Datasheet(HTML) 23 Page - Texas Instruments

Back Button TLS2205DL Datasheet HTML 19Page - Texas Instruments TLS2205DL Datasheet HTML 20Page - Texas Instruments TLS2205DL Datasheet HTML 21Page - Texas Instruments TLS2205DL Datasheet HTML 22Page - Texas Instruments TLS2205DL Datasheet HTML 23Page - Texas Instruments TLS2205DL Datasheet HTML 24Page - Texas Instruments TLS2205DL Datasheet HTML 25Page - Texas Instruments TLS2205DL Datasheet HTML 26Page - Texas Instruments TLS2205DL Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 31 page
background image
SLFS040
– DECEMBER 1993
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
23
PRINCIPLES OF OPERATION
Table 6. Port-C Definition (System Control Functions)
BIT #
NAME
SUBSYSTEM
DESCRIPTION
0
SPNENA
SPN
Spindle power-inverter enable
1
START
SPN
Spindle-operation mode
2
NHALLS
SPN
No Hall-commutation-mode select
3
UPOLAR
SPN
Spindle-inverter unipolar select
4
COMM
SPN
Spindle-inverter advance (no hall mode)
5
SPNMODE
SPN
Select DAC current-control mode
6
VCMENA
VCM
VCM power output enable
7
BRAKE
SPN
Spindle BRAKE enable
8
BEMF GAIN
SPN
Back-EMF amplifier sense gain
9
AUX0
SYS
AUXOUT function select MSB
10
AUX1
SYS
AUXOUT function select LSB
11
AWAKE
SYS
System power enable
12
PT0
SYS
Port-select LSB
13
PT1
SYS
Port-select MSB
14
ID0
SYS
Device-select LSB
15
ID1
SYS
Device-select MSB
Port-C system control bit definitions
AWAKE
This bit controls the dc bias conditions in the device. When this bit is low, the device is in the sleep mode and
all dc bias sources, with the exception of the voltage monitor, are disabled. All logic, with the exception of the
serial register, is disabled, and device power dissipation is minimized. When this bit is high, the device is awake
and power dissipation is maximum.
AUX1
AUX1 is the MSB of the auxiliary logic control functions (see Table 7).
AUX0
AUX0 is the LSB of the auxiliary logic control functions (see Table 7).
BEMF GAIN
This bit controls the gain of the back-EMF sense amplifier. When the bit is low, the forward back-EMF gain sense
(measured at Vphase) is one. When the bit is high, the forward sense gain is five. This function is intended to
start the spindle motor in back-EMF mode.
BRAKE
BRAKE enables the high-side power inverters and disables the low-side power drivers. The brake is normally
implemented after a retract has occurred and the head has reached the head stop.
VCMENA
VCMENA enables the VCM output drivers. In the disabled state, the VCM output power amplifier outputs go low.
However, the power amplifiers still have dc bias applied and can be enabled in a short period of time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com