Electronic Components Datasheet Search
  English  ▼

X  

PL11-Q Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # PL11-Q
Description  GENERAL PURPOSE RELAY
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

PL11-Q Datasheet(HTML) 3 Page - Omron Electronics LLC

  PL11-Q Datasheet HTML 1Page - Omron Electronics LLC PL11-Q Datasheet HTML 2Page - Omron Electronics LLC PL11-Q Datasheet HTML 3Page - Omron Electronics LLC PL11-Q Datasheet HTML 4Page - Omron Electronics LLC PL11-Q Datasheet HTML 5Page - Omron Electronics LLC PL11-Q Datasheet HTML 6Page - Omron Electronics LLC PL11-Q Datasheet HTML 7Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
MK
MK
CHARACTERISTICS
Contact resistance
50 m
max.
Operate time
AC: 20 ms max. DC: 30 ms max.
Release time
20 ms max.
Operating frequency
Mechanical
18,000 operations/hour
Electrical
1,800 operations/hour (under rated load)
Insulation resistance
100 M
min. (at 500 VDC)
Dielectric strength
2,500 VAC, 50/60 Hz for 1 minute between coil and contacts
1,000 VAC, 50/60 Hz for 1 minute between contacts of same poles, between
terminals of the same polarity
2,500 VAC, 50/60 Hz for 1 minute between current-carrying parts, noncurrent-
carrying parts, and terminals of opposite polarity
Vibration
Mechanical durability
10 to 55 Hz, 1.50 mm (0.06 in) double amplitude
Malfunction durability
10 to 55 Hz, 1.00 mm (0.04 in) double amplitude
Shock
Mechanical durability
1,000 m/s2 (approx. 100 G)
Malfunction durability
100 m/s2 (approx. 10 G)
Ambient temperature
Operation: -10 to 40 C (14 to 104 F)
Humidity
35 to 85% RH
Service Life
Mechanical
10 million operations min. (at operating frequency of 18,000 operations/hour)
Electrical
100,000 operations at rated load (at operating frequency of 1,800 operations/hour)
Weight
Approx. 0.85 g (3.0 oz)
Note:
Data shown are of initial value.
CHARACTERISTIC DATA
Maximum switching capacity
Electrical service life
MK2P-S, MK3P5-S
MK2P-S, MK3P5-S
Rated operating voltage (V)
Rated operating current (A)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com