Electronic Components Datasheet Search
  English  ▼

X  

TC7SH05FS Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TC7SH05FS
Description  INVERTER (Open Drain)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7SH05FS Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TC7SH05FS Datasheet HTML 1Page - Toshiba Semiconductor TC7SH05FS Datasheet HTML 2Page - Toshiba Semiconductor TC7SH05FS Datasheet HTML 3Page - Toshiba Semiconductor TC7SH05FS Datasheet HTML 4Page - Toshiba Semiconductor TC7SH05FS Datasheet HTML 5Page - Toshiba Semiconductor TC7SH05FS Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TC7SH05FS
2014-03-01
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC7SH05FS
INVERTER (Open Drain)
Features
• High speed: tpd = 3.7ns (typ.) at VCC = 5 V, 15 pF
• Low power dissipation: ICC = 2μA (max) at Ta = 25°C
• Wide operating voltage range: VCC = 2 to 5.5 V
• 5.5-V tolerant input
• 5.5-V power down protection output
Marking
Pin Assignment (top view)
Absolute Maximum Ratings ( Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Supply voltage range
VCC
− 0.5 to 7
V
DC input voltage
VIN
− 0.5 to 7
V
DC output voltage
VOUT
− 0.5 to 7 (Note 1)
V
Input diode current
IIK
− 20
mA
Output diode current
IOK
− 20
(Note 2)
mA
DC output current
IOUT
25
mA
DC VCC/ground current
ICC
± 50
mA
Power dissipation
PD
50
mW
Storage temperature
Tstg
− 65 to 150
°C
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings and the operating ranges.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Note 1: Do not exceed IOUT of absolute maximum ratings.
Note 2: VOUT < GND
SON5-P-0.35
(fSV)
Weight : 0.001 g (typ.)
Product Name
H E
IN A 1
GND 2
NC 3
5 VCC
4 OUT Y
Start of commercial production
2008-02


Similar Part No. - TC7SH05FS

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7SH05FE TOSHIBA-TC7SH05FE Datasheet
151Kb / 6P
INVERTER (Open Drain)
2009-09-30
More results

Similar Description - TC7SH05FS

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74VHC05 STMICROELECTRONICS-74VHC05 Datasheet
53Kb / 7P
HEX INVERTER OPEN DRAIN
Jun-1999
M54HC05 STMICROELECTRONICS-M54HC05 Datasheet
227Kb / 9P
HEX INVERTER OPEN DRAIN
Feb-1993
logo
Toshiba Semiconductor
TC7SZ05F TOSHIBA-TC7SZ05F Datasheet
157Kb / 5P
INVERTER (OPEN DRAIN)
TC7SA05F TOSHIBA-TC7SA05F Datasheet
207Kb / 8P
Inverter (Open Drain)
TC7SZ05AFS TOSHIBA-TC7SZ05AFS Datasheet
158Kb / 6P
INVERTER (Open Drain)
TC7SZ05F TOSHIBA-TC7SZ05F_09 Datasheet
175Kb / 7P
Inverter (Open Drain)
logo
ON Semiconductor
NLX2G06 ONSEMI-NLX2G06 Datasheet
94Kb / 8P
Dual Inverter, Open Drain
March, 2008 - Rev. 0
logo
Toshiba Semiconductor
TC7SH05FE TOSHIBA-TC7SH05FE Datasheet
151Kb / 6P
INVERTER (Open Drain)
2009-09-30
TC7SG05AFS TOSHIBA-TC7SG05AFS Datasheet
266Kb / 7P
Inverter (Open Drain)
2013-03-01
TC7SG05FE TOSHIBA-TC7SG05FE Datasheet
249Kb / 7P
Inverter (Open Drain)
2013-03-01
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com