Electronic Components Datasheet Search
  English  ▼

X  

CP5000 Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # CP5000
Description  HIGH CURRENT SILICON BRIDGE RECTIFIER(VOLTAGE 50 to 1000 Volts CURRENT - 50 Ampere)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

CP5000 Datasheet(HTML) 1 Page - Pan Jit International Inc.

  CP5000 Datasheet HTML 1Page - Pan Jit International Inc. CP5000 Datasheet HTML 2Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PAGE . 1
DATE : SEP.11.2002
FEATURES
• Electrically lsolated Metal Case for Maximum
Heat Dissipation.
• Surge Overload Ratings to 400 Amperes.
• The plastic package has Underwriters
Laboratory Flammability Classification 94V-O
MECHANICALDATA
Case: Metal , electrically isolated.
Terminals: Plated 25” FASTON
Mounting Position: Any
Weight: 1.0 ounce, 30 gram
CP5000~CP50010
HIGH CURRENT SILICON BRIDGE RECTIFIER
VOLTAGE 50 to 1000 Volts CURRENT - 50 Ampere
Recongnized File # E111753
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, Resistive or inductive load.
For capacitive load, derate current by 20%
DATA SHEET
CP
Unit:inch(mm)
1.135(28.8)
1.115(28.3)
.672(17.1)
.632(16.1)
.732(18.6)
.692(17.6)
.442(11.23)
.432(10.97)
.034(.86)
.030(.76)
.25(6.35)
.094(2.4) DIA
METAL HEAT SINK
EPOXY CASE
AC
AC
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Input Voltage
Maximum DC Blocking Voltage
DC Output Voltage, Resistive load
DC Output Voltage, Capacitive load
Maximum Average Forward Current For Resistive Load at TC=55°C
Non-repetitive Peak Forward Surge Current at Rated Load
Maximum Forward Voltage per Bridge Element at 25A Specified Current
Maximum Reverse Leakage Current at Rated @ TA=25°C
Dc Blocking Voltage @ TA=100°C
I2t Rating for fusing ( t<8.35ms)
Typical Thermal Resistance per leg (Fig 3) R
θJC
Operating Temperature Range, TJ
Storage Temperature Range, TA
V
V
V
A
°C / W
UNIT
°C
µA
50.0
1.2
664
10.0
1000
2.0
-55 to +150
A
400
V
A2S
°C
-55 to +150
V
V
CP5006
600
420
600
380
600
CP5000
50
35
50
30
50
CP50010
1000
700
1000
630
1000
CP5001
100
70
100
62
100
CP5002
200
140
200
124
200
CP5004
400
280
400
250
400
CP5008
800
560
800
505
800


Similar Part No. - CP5000

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
CP500 TELEDYNE-CP500 Datasheet
3Mb / 16P
High Definition Oscilloscopes
logo
Continental Device Indi...
CP500 CDIL-CP500 Datasheet
220Kb / 5P
PNP SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Teledyne Technologies I...
CP500 TELEDYNE-CP500 Datasheet
847Kb / 4P
Current Probes
logo
List of Unclassifed Man...
CP5008 ETC-CP5008 Datasheet
133Kb / 2P
Octal E1 Short Haul Line Interface Unit
Rev1.0, March,2005
CP5009 ETC-CP5009 Datasheet
133Kb / 2P
Octal E1 Short Haul Line Interface Unit
Rev1.0, March,2005
More results

Similar Description - CP5000

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
1N4001 PANJIT-1N4001 Datasheet
53Kb / 2P
PLASTIC SILICON RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere)
1N4001S PANJIT-1N4001S Datasheet
53Kb / 2P
PLASTIC SILICON RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere)
CM5000 PANJIT-CM5000 Datasheet
40Kb / 2P
HIGH CURRENT SILICON BRIDGE RECTIFIER(VOLTAGE 50 to 1000 Volts CURRENT - 50 Ampere)
CP1500 PANJIT-CP1500 Datasheet
41Kb / 2P
HIGH CURRENT SILICON BRIDGE RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 15 Amperes)
GBPC25005W PANJIT-GBPC25005W Datasheet
40Kb / 2P
HIGH CURRENT SILICON BRIDGE RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 25 Amperes)
GBPC35005W PANJIT-GBPC35005W Datasheet
40Kb / 2P
HIGH CURRENT SILICON BRIDGE RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 35 Amperes)
logo
Rectron Semiconductor
RL151 RECTRON-RL151 Datasheet
23Kb / 2P
SILICON RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.5 Ampere)
RL1N4001 RECTRON-RL1N4001 Datasheet
23Kb / 2P
SILICON RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere)
logo
DAESAN ELECTRONIC CORP.
1N4001A DAESAN-1N4001A Datasheet
304Kb / 2P
CURRENT 1.0 Ampere VOLTAGE 50 to 1000 Volts
RL101FG DAESAN-RL101FG Datasheet
316Kb / 2P
CURRENT 1.0 Ampere VOLTAGE 50 to 1000 Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com