Electronic Components Datasheet Search
  English  ▼

X  

AAT3132 Datasheet(PDF) 13 Page - Advanced Analogic Technologies

Part # AAT3132
Description  High Efficiency 1.5X Fractional Charge Pump for White LED Applications
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT3132 Datasheet(HTML) 13 Page - Advanced Analogic Technologies

Back Button AAT3132 Datasheet HTML 6Page - Advanced Analogic Technologies AAT3132 Datasheet HTML 7Page - Advanced Analogic Technologies AAT3132 Datasheet HTML 8Page - Advanced Analogic Technologies AAT3132 Datasheet HTML 9Page - Advanced Analogic Technologies AAT3132 Datasheet HTML 10Page - Advanced Analogic Technologies AAT3132 Datasheet HTML 11Page - Advanced Analogic Technologies AAT3132 Datasheet HTML 12Page - Advanced Analogic Technologies AAT3132 Datasheet HTML 13Page - Advanced Analogic Technologies AAT3132 Datasheet HTML 14Page - Advanced Analogic Technologies  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
However, if the diodes are dramatically different in
type comprising a mix of high-V
F type and low-VF
type LEDs, the AAT3132/32A has the capability to
optimally drive up to four LEDs of one type and up
to two LEDs of another type simultaneously. This
feature can be useful for driving different color
LEDs, driving both display backlight and photo-
flash LEDs, or for driving main and sub-LCD dis-
play LED backlights from a single charge pump IC.
For example, when driving independent RGB
LEDs, the green and blue LEDs typically require a
high V
F to operate (e.g., 3.7V), while the red LED
needs a low forward voltage (e.g., 2V). By con-
necting the green and blue diodes to outputs D1 to
D3 and the red diodes to D4, good control and uni-
formity in brightness is maintained despite the 2V
difference in the diode forward voltages.
Similarly, if a 4V photo-flash LED array is connect-
ed to outputs D1 through D3 (with the outputs short-
ed together) and two 3.3V sub-LCD display back-
light LEDs are connected to output D4, then the
AAT3132/32A can optimally drive each set of LEDs
at the programmed current level (see Figure 2).
AAT3132/32A
High Efficiency 1.5X Fractional Charge
Pump for White LED Applications
3132.2005.12.1.4
13
Figure 2: AAT3132/32A Driving Two Groups of Paralleled White LEDs
(e.g., main and sub-LCD backlights).
C
IN
1
µF
V
BATTERY
C
OUT
1
µF
EN/SET
C1
1
µF
C2
1
µF
D2
D3
D4
D5
VIN
VOUT
C1+
C1-
C2+
C2-
D1
D2
D3
D4
EN/SET
GND
AAT3132
AAT3132A
D1
D6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com