Electronic Components Datasheet Search
  English  ▼

X  

CP600 Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # CP600
Description  VOLTAGE 50 to 1000 Volts CURRENT - P.C. MTG 3A , HEAT-SINK MTG 6A
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

CP600 Datasheet(HTML) 2 Page - Pan Jit International Inc.

  CP600 Datasheet HTML 1Page - Pan Jit International Inc. CP600 Datasheet HTML 2Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
AMBIENT TEMPERATURE C
O
Fig. 1- DERATING CURVE FOR OUTPUT RECTIFIED CURRENT
RATING AND CHARACTERISTIC CURVES
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
Fig. 2- TYPICAL INSTANTANEOUS FORWARD
CHARACTERISITCS (25OC)
NO.OFCYCLESAT60Hz
Fig. 4- MAXIMUM NON-REPETITEVE PEAK
FORWARD SURGE CURRENT
6.0
4.0
2.0
0
0
50
100
150
125
100
75
50
25
0
1
2
6
10
20
40
60
100
.02
.01
.03
.05
.07
.1
.2
.3
.5
.7
.8
.9
1.0
2.0
3.0
4.0
5.0
00.2
0.4
0.6
0.8
1.0
1.2
1.4
PERCENT OF PEAK REVERSE VOLTAGE
Fig. 3- TYPICAL REAK REVERSE CHARACTERISTICS
T=25 C
A
O
100
10
1.0
0.1
0
20
40
60
80
100
120
140



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com