Electronic Components Datasheet Search
  English  ▼

X  

DI101 Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # DI101
Description  DUAL-IN-LINE GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0~1.5 Amperes)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

DI101 Datasheet(HTML) 2 Page - Pan Jit International Inc.

  DI101 Datasheet HTML 1Page - Pan Jit International Inc. DI101 Datasheet HTML 2Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING AND CHARACTERISTIC CURVES
DI100/150 THRU DI1010/1510
50
40
30
20
10
1
2
4
6
8 10
20
60 80 100
40
DI150
DI100
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
1.50
1.00
0.75
0.50
0
20
40
60
80
100
120
140
DI150
DI100
AMBIENT TEMPERATURE,
℃
Fig. 1-MAXIMUM NON-REPETITIVE SURGE CURRENT
Fig. 2-DERATING CURVE FOR OUTPUT RECTIFIED
CURRENT
10
1.0
0.1
.01
.4
.6
8
1.0
1.2
1.4
TJ = 25℃
PULSE WIDTH =
200uS
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
10
1.0
.1
.01
0
20
40
60
80
100
120
140
T
A = 25 ℃
TA = 100℃
PERCENT OF PEAK REVERSE VOLTAGE
Fig. 3-TYPICAL FORWARD CHARACTERISTICS
Fig. 4-TYPICAL REVERSE CHARACTERISTICS



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com