Electronic Components Datasheet Search
  English  ▼

X  

ATF1502SL Datasheet(PDF) 49 Page - ATMEL Corporation

Part # ATF1502SL
Description  Family Datasheet
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF1502SL Datasheet(HTML) 49 Page - ATMEL Corporation

Back Button ATF1502SL Datasheet HTML 45Page - ATMEL Corporation ATF1502SL Datasheet HTML 46Page - ATMEL Corporation ATF1502SL Datasheet HTML 47Page - ATMEL Corporation ATF1502SL Datasheet HTML 48Page - ATMEL Corporation ATF1502SL Datasheet HTML 49Page - ATMEL Corporation ATF1502SL Datasheet HTML 50Page - ATMEL Corporation ATF1502SL Datasheet HTML 51Page - ATMEL Corporation ATF1502SL Datasheet HTML 52Page - ATMEL Corporation ATF1502SL Datasheet HTML 53Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 69 page
background image
49
ATF1516SE(L)
2401D–PLD–09/02
AC Characteristics
(1) ATF1516SE(L)
Symbol
Parameter
SE -7
SE -10
SEL -15
(6)
Unit
Min
Max
Min
Max
Min
Max
tPD1
Input or Feedback to Non-registered Output
7.5
10
15
ns
tPD2
I/O Input or Feedback to Non-registered Feedback
7.5
10
12
ns
tSU
Global Clock Setup Time
3.9
7.0
11
ns
t
H
Global Clock Hold Time
0.0
0.0
0.0
ns
t
FSU
Global Clock Setup Time of Fast Input
3.9
3.0
3.0
ns
t
FH
Global Clock Hold of Fast Input
0.0
0.5
1
ns
tCO1
Global Clock to Output Delay
4.7
5.0
8.0
ns
tCH
Global Clock High Time
3.0
4.0
5.0
ns
tCL
Global Clock Low Time
3.0
4.0
5
ns
t
ASU
Array Clock Setup Time
0.8
2.0
4.0
ns
t
AH
Array Clock Hold Time
1.9
3.0
4.0
ns
t
ACO1
Array Clock Output Delay
7.3
1
10
15
ns
tACH
Array Clock High Time
3.0
4
6
ns
tACL
Array Clock Low Time
3.0
4
6
ns
tCNT
Minimum Clock Global Period
7.8
10
13
ns
f
CNT
(3)
Maximum Internal Global Clock Frequency
130
100
77
MHz
t
ACNT
Minimum Array Clock Period
7.8
10
13
ns
f
ACNT
(4)
Maximum Internal Array Clock Frequency
130
100
77
MHz
fMAX
(5)
Maximum Clock Frequency
167
125
100
MHz
tIN
Input Pad and Buffer Delay
0.3
0.5
2.0
ns
tIO
I/O Input Pad and Buffer Delay
0.3
0.5
2.0
ns
tFIN
Fast Input Delay
3.4
1.0
2.0
ns
t
SEXP
Foldback Term Delay
3.9
5.0
8.0
ns
t
PEXP
Cascade Logic Delay
1.1
0.8
1.0
ns
tLAD
Logic Array Delay
2.6
5.0
6.0
ns
tLAC
Logic Control Delay
2.6
5.0
6.0
ns
tIOE
Internal Output Enable Delay
0.8
2.0
3.0
ns
tOD1
Output Buffer and Pad Delay
(slow slew rate = OFF; V
CCIO =5V; CL=35 pF)
0.5
1.5
4.0
ns
t
OD2
Output Buffer and Pad Delay
(slow slew rate = OFF; VCCIO =3.3V; CL=35pF)
1.0
2.0
5.0
ns
tOD3
Output Buffer and Pad Delay
(slow slew rate = ON; VCCIO =5Vor 3.3V;
CL=35pF)
5.5
5.5
8.0
ns
t
ZX1
Output Buffer Enable Delay
(slow slew rate = OFF; V
CCIO =5V; CL=35 pF)
4.0
5.0
6.0
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com