Electronic Components Datasheet Search
  English  ▼

X  

BPW96C Datasheet(PDF) 4 Page - Vishay Siliconix

Part # BPW96C
Description  Silicon NPN Phototransistors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BPW96C Datasheet(HTML) 4 Page - Vishay Siliconix

  BPW96C Datasheet HTML 1Page - Vishay Siliconix BPW96C Datasheet HTML 2Page - Vishay Siliconix BPW96C Datasheet HTML 3Page - Vishay Siliconix BPW96C Datasheet HTML 4Page - Vishay Siliconix BPW96C Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
BPW96B, BPW96C
www.vishay.com
Vishay Semiconductors
Rev. 1.8, 23-Aug-11
4
Document Number: 81532
For technical questions, contact: detectortechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 7 - Relative Spectral Sensitivity vs. Wavelength
Fig. 8 - Relative Radiant Sensitivity vs. Angular Displacement
PACKAGE DIMENSIONS in millimeters
400
600
1000
0
0.2
0.4
0.6
0.8
1.0
λ - Wavelength (nm)
94 8348
800
0.4
0.2
0
94 8299
0.6
0.9
0.8
0°
30°
10°
20°
40°
50°
60°
70°
80°
0.7
1.0
Issue:1; 01.07.96
Drawing-No.: 6.544-5086.01-4
specifications
according to DIN
technical drawings
0.5
Area not plane
± 0.15
E
C
Ø 5
1
0.8
- 0.1
+ 0.2
- 0.1
+ 0.2
+ 0.15
- 0.1
+ 0.2
0.63
Chip position
2.54 nom.
R 2.
45
(sphere)
96 12192



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com