Electronic Components Datasheet Search
  English  ▼

X  

RLD2WMFL3 Datasheet(PDF) 1 Page - Rohm

Part # RLD2WMFL3
Description  2-Wavelength Laser Diodes for DVD/CD Playback
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RLD2WMFL3 Datasheet(HTML) 1 Page - Rohm

  RLD2WMFL3 Datasheet HTML 1Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Supports high temperarure operation
for gaming consoles and portable equipment
2-Wavelength Laser Diodes for DVD/CD Playback
RLD2WMUL3 / RLD2WMFL3 Series
Operating current is reduced by 32% and 46% for DVD and CD playback,
respectively, compared with conventiona l products (RLD2WMUV2 /
RLD2WMFV2). Stable operation is guaranteed up to 80˚C , 5˚Cmore than
standard models.
New Product Bulletin
RLD2WMUL3
RLD2WMFL3
DVD
LD
CD
LD
PD
Equivalent Circuit
New waveguide enables low current operation
An optically transparent real index guide is utilized to minimize loss due to
light absorption, allowing operation with minimal current.
Product Outlin
High temperature operation (80˚C)
Catalog No.52F6247E 11. 2009 ROHM ©
The content specified herein is for the purpose of introducing ROHM's products (hereinafter "Products"). If you wish to use any such Product, please be sure to refer to the
specifications, which can be obtained from ROHM upon request.Great care was taken in ensuring the accuracy of the information specified in this document. However,
should you incur any damage arising from any inaccuracy or misprint of such information, ROHM shall bear no responsibility for such damage.The technical information
specified herein is intended only to show the typical functions of and examples of application circuits for the Products. ROHM does not grant you, explicitly or implicitly, any li-
cense to use or exercise intellectual property or other rights held by ROHM and other parties. ROHM shall bear no responsibility whatsoever for any dispute arising from the
use of such technical information.If you intend to export or ship overseas any Product or technology specified herein that may be controlled under the Foreign Exchange and
the Foreign Trade Law, you will be required to obtain a license or permit under the Law.
www. rohm. com
Access Our Website
The content specified in this document is correct as of 1st September, 2009.
21 Saiin Mizosaki-cho, Ukyo-ku,
Kyoto 615-8585 Japan
TEL : +81-75-311-2121 FAX : +81-75-315-0172
www.rohm.com
Specifications
Real Index Guide Configuration
Temperature Characteristics Comparison
If (mA)
Optically Transparent
Current Block
p-AlGaAs
Clad
n-GaAs Substrate
p-InGaAlP
Clad
p-GaAs
Contact
If (mA)
DVD
CD
Absolute Maximum Ratings
Part No.
RLD2WMUL3
Light Output
Po (mW)
7/7
Reverse Voltage
VR (V)
Operating Temp.
Topr ( ˚C)
-10 to +80
2/2
Storage Temp.
Tstg ( ˚C)
-40 to +85
RLD2WMFL3
7/7
-10 to +80
2/2
-40 to +85
Part No.
RLD2WMUL3
Oscillation Wavelength
lp (nm)
658/782
Threshold Current
Ith (mA)
Operating Current
Iop (mA)
18/17
13/12
Operating Voltage
Vop (V)
2.2/1.8
Monitor Current
Im (mA)
0.25/0.25
Horizontal Divergence
q//(deg)
8.5/10
Vertical Divergence
q (deg)
27/32
RLD2WMFL3
658/782
18/17
13/12
2.2/1.8
0.15/0.17
8.5/10
27/32
Electrical • Optical Characteristics (TC=25˚C, Po=5mW)
0
1
2
3
4
5
6
7
0
1020304050
60
0
1
2
3
4
5
6
7
0
102030
4050
60
Conventional Products
RLD2WMUL3/ RLD2WMFL3 Series
RLD2WMUL3/ RLD2WMFL3 Series
Conventional Products
If (mA)
0
1
2
3
4
5
6
7
0
10
2030
4050
60
25˚C
50˚C
60˚C
75˚C
80˚C
85˚C
If (mA)
0
1
2
3
4
5
6
7
010
20
30
40
50
60
75˚C
80˚C
85˚C
25˚C
50˚C
60˚C
75˚C
80˚C
85˚C
75˚C
80˚C
85˚C
25˚C
50˚C
60˚C
25˚C
50˚C
60˚C
C D Laser
DVD Laser
Operating
current reduced
32%
(at 80˚C)
Operating
current reduced
46%
(at 80˚C)
AlGaAs
Activation
Layer
n-AlGaAs Clad
InGaP
Activation
Layer
n-InGaAlP Clad
Ene rgy
Sa ving


Similar Part No. - RLD2WMFL3

ManufacturerPart #DatasheetDescription
logo
Rohm
RLD2WMGS1 ROHM-RLD2WMGS1 Datasheet
80Kb / 4P
660nm High Power / 780nm Low Power Dual Wave Laser
RLD2WMUV2 ROHM-RLD2WMUV2 Datasheet
86Kb / 3P
DVD-ROM / player single mode 2wavelength laser diode
More results

Similar Description - RLD2WMFL3

ManufacturerPart #DatasheetDescription
logo
Rohm
BA5973FP ROHM-BA5973FP Datasheet
137Kb / 7P
3-channel BTL driver for CD, CD-ROM, DVD, and DVD-ROM
RLD-65MC ROHM-RLD-65MC Datasheet
41Kb / 2P
Red laser diodes for digital video discs(DVD)
logo
Sony Corporation
CXA2586M SONY-CXA2586M Datasheet
91Kb / 8P
PDIC for CD-ROM/DVD-ROM
logo
Samsung semiconductor
S5L1462B SAMSUNG-S5L1462B Datasheet
199Kb / 43P
CD and DVD playback
logo
ATMEL Corporation
AT78C1502 ATMEL-AT78C1502 Datasheet
76Kb / 9P
DVD/CD Servo
logo
Maxim Integrated Produc...
MAX9483 MAXIM-MAX9483 Datasheet
650Kb / 15P
Dual-Output, Multimode CD-RW/DVD Laser-Diode Drivers
Rev 0; 5/04
logo
NXP Semiconductors
SAA7818HL PHILIPS-SAA7818HL Datasheet
120Kb / 30P
DVD and CD playback IC
Rev. 03-25 November 2004
logo
Sony Corporation
CXA2680ER SONY-CXA2680ER Datasheet
52Kb / 2P
Five-Channel Dual CD/DVD Laser Driver for Ultra Combo Drives
logo
ATMEL Corporation
ATR0885 ATMEL-ATR0885 Datasheet
130Kb / 6P
3-output Laser Driver for HD-DVD/ Blu-ray/DVD/ CD-ROM
logo
Roithner LaserTechnik G...
SDL-7501-G1 ROITHNER-SDL-7501-G1 Datasheet
779Kb / 3P
Low cost, visible wavelength laser diodes
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com