Electronic Components Datasheet Search
  English  ▼

X  

ED602CT Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # ED602CT
Description  SUPER FAST RECOVERY RECTIFIER(VOLTAGE - 200 to 600 Volts CURRENT - 6.0 Amperes)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

ED602CT Datasheet(HTML) 1 Page - Pan Jit International Inc.

  ED602CT Datasheet HTML 1Page - Pan Jit International Inc. ED602CT Datasheet HTML 2Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PAGE 1
Part Number: ED602CT - ED606CT
ED602CT Thru ED606CT
SUPER FAST RECOVERY RECTIFIER
VOLTAGE - 200 to 600 Volts CURRENT - 6.0 Amperes
FEATURES
• For thorough hole applications
• Low profile package
• Built-in strain relief
• Easy pick and place
• Superfast recovery times for high efficiency
• Plastic package has Underwriters Laboratory
Flammability Classification 94V-O
• Glass passivated junction
• High temperature soldering:
260oC / 10 seconds at terminals
MECHANICAL DATA
Case: TO-251AB molded plastic
Terminals: Solder plated, solderable per MIL-STD-750,Method 2026
Polarity: Color band denotes cathode
Weight: 0.015 ounce, 0.4 gram.
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25oC ambient temperature unless otherwise specified.
Resistive or inductive load.
NOTES:
1. Pulse Test with PW=300µsec, 2% Duty Cycle.
2. Mounted on P.C. Board with 14mm2 (.013mm thick) copper pad areas.
4
3
2
1
S
L
O
B
M
Y
ST
C
2
0
6
D
ET
C
3
0
6
D
ET
C
4
0
6
D
ET
C
6
0
6
D
ES
T
I
N
U
e
g
a
t
l
o
V
e
s
r
e
v
e
R
k
a
e
P
t
n
e
r
r
u
c
e
R
m
u
m
i
x
a
MV RRM
0
0
20
0
30
0
40
0
6s
t
l
o
V
e
g
a
t
l
o
V
S
M
R
m
u
m
i
x
a
MV RMS
0
4
10
1
20
8
20
2
4s
t
l
o
V
e
g
a
t
l
o
V
g
n
i
k
c
o
l
B
C
D
m
u
m
i
x
a
MV DC
0
0
20
0
30
0
40
0
6s
t
l
o
V
t
n
e
r
r
u
C
d
e
i
f
i
t
c
e
R
d
r
a
w
r
o
F
e
g
a
r
e
v
A
m
u
m
i
x
a
M
T
t
a
C
5
7
=
oC
I(AV)0
.
50
.
50
.
50
.
5s
p
m
A
t
n
e
r
r
u
C
e
g
r
u
S
d
r
a
w
r
o
F
k
a
e
P
n
o
d
e
s
o
p
m
i
r
e
p
u
s
e
v
a
w
-
e
n
i
s
f
l
a
h
e
l
g
n
i
s
s
m
3
.
8
)
d
o
h
t
e
m
C
E
D
E
J
(
d
a
o
l
d
e
t
a
r
I FSM
0
60
60
60
6s
p
m
A
A
0
.
3
t
a
e
g
a
t
l
o
V
d
r
a
w
r
o
F
s
u
o
e
n
a
t
n
a
t
s
n
I
m
u
m
i
x
a
M
)
1
e
t
o
N
(
V F
5
9
.
0
0
3
.
10
3
.
10
7
.
1
s
t
l
o
V
T
)
1
e
t
o
N
(
t
n
e
r
r
u
C
e
s
r
e
v
e
R
C
D
m
u
m
i
x
a
M
A
5
2
=
oC
T
e
g
a
t
l
o
V
g
n
i
k
c
o
l
B
C
D
d
e
t
a
R
t
a
A
0
0
1
=
oC
I R
0
.
5
0
5
0
.
5
0
5
0
.
5
0
5
0
.
5
0
5
µA
)
2
e
t
o
N
(
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
m
u
m
i
x
a
M
R
θ C
J
R
θ A
J
9
0
8
9
0
8
9
0
8
9
0
8
o
W
/
C
y
r
e
v
o
c
e
R
e
s
r
e
v
e
R
m
u
m
i
x
a
MT RR
5
35
35
35
3s
n
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
ST STG
0
5
1
+
o
t
5
5
-
oC
TO-251AB
ÁÂÃ
ÄÅÁÆÇ
ÁÂÃ
ÄÅÁÆÇ
ÁÅÈÉÄÈÁÇ
ÁÅÉÄÈÁÆÇ
ÁÅÈÄÁÇ
ÁÅÂÂÄÁÇ
ÁÂ
ÃÄ
ÅÆ
ÁÃ
Ç
ÁÂ
ÈÉ
ÅÆ
Á
Ç
Á

Å
ÁÉ
Ç
Á
Â
Å
ÁÄ
Ç
ÁÂÆÅÄÂÁÇ
ÁÂÅÄÂÁÆÇ
ÁÂÃÄÅÁÇ
ÁÂÅÄÅÁÇ
ÁÂÅÉÄÂÁÈÇ
ÁÂÈÄÂÁÉÇ
ÁÂÄÁÇ
ÁÂÄÁÆÇ
3
2
1
4
ÁÂÅÄÂÁÇ
ÁÄ
ÂÉ
ÅÉ
Á
Ç
Á
Ä
ÅÉ
Á
Ç


Similar Part No. - ED602CT

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
ED602CT PANJIT-ED602CT Datasheet
40Kb / 2P
SUPERFAST RECOVERY RECTIFIERS
ED602CT PANJIT-ED602CT Datasheet
51Kb / 2P
SUPERFAST RECOVERY RECTIFIERS
ED602CT PANJIT-ED602CT_04 Datasheet
40Kb / 2P
SUPERFAST RECOVERY RECTIFIERS
ED602CT PANJIT-ED602CT_09 Datasheet
51Kb / 2P
SUPERFAST RECOVERY RECTIFIERS
More results

Similar Description - ED602CT

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
ED1002CS PANJIT-ED1002CS Datasheet
34Kb / 2P
DPAK SURFACE MOUNT SUPER FAST RECOVERY RECTIFIER(VOLTAGE - 200 to 600 Volts CURRENT - 10.0 Amperes)
ED1002CT PANJIT-ED1002CT Datasheet
35Kb / 2P
SUPER FAST RECOVERY RECTIFIER(VOLTAGE - 200 to 600 Volts CURRENT - 10.0 Amperes)
ED302S PANJIT-ED302S Datasheet
33Kb / 2P
DPAK SURFACE MOUNT SUPER FAST RECOVERY RECTIFIER(VOLTAGE - 200 to 600 Volts CURRENT - 3.0 Amperes)
ED302T PANJIT-ED302T Datasheet
40Kb / 2P
SUPER FAST RECOVERY RECTIFIER(VOLTAGE - 200 to 600 Volts CURRENT - 3.0 Amperes)
ED302YT PANJIT-ED302YT Datasheet
40Kb / 2P
SUPER FAST RECOVERY RECTIFIER(VOLTAGE - 200 to 600 Volts CURRENT - 3.0 Amperes)
ED502T PANJIT-ED502T Datasheet
40Kb / 2P
SUPER FAST RECOVERY RECTIFIER(VOLTAGE - 200 to 600 Volts CURRENT - 5.0 Amperes)
ED502YT PANJIT-ED502YT Datasheet
40Kb / 2P
SUPER FAST RECOVERY RECTIFIER(VOLTAGE - 200 to 600 Volts CURRENT - 5.0 Amperes)
ED602CS PANJIT-ED602CS Datasheet
45Kb / 2P
DPAK SURFACE MOUNT SUPER FAST RECOVERY RECTIFIER(VOLTAGE - 200 to 600 Volts CURRENT - 6.0 Amperes)
ED802CS PANJIT-ED802CS Datasheet
34Kb / 2P
DPAK SURFACE MOUNT SUPER FAST RECOVERY RECTIFIER(VOLTAGE - 200 to 600 Volts CURRENT - 8.0 Amperes)
ED802CT PANJIT-ED802CT Datasheet
36Kb / 2P
SUPER FAST RECOVERY RECTIFIER(VOLTAGE - 200 to 600 Volts CURRENT - 8.0 Amperes)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com