Electronic Components Datasheet Search
  English  ▼

X  

TCR2EE Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TCR2EE
Description  200 mA CMOS Low Dropout Regulator with Fast Load Transient Response
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TCR2EE Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TCR2EE Datasheet HTML 1Page - Toshiba Semiconductor TCR2EE Datasheet HTML 2Page - Toshiba Semiconductor TCR2EE Datasheet HTML 3Page - Toshiba Semiconductor TCR2EE Datasheet HTML 4Page - Toshiba Semiconductor TCR2EE Datasheet HTML 5Page - Toshiba Semiconductor TCR2EE Datasheet HTML 6Page - Toshiba Semiconductor TCR2EE Datasheet HTML 7Page - Toshiba Semiconductor TCR2EE Datasheet HTML 8Page - Toshiba Semiconductor TCR2EE Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
TCR2EF series, TCR2EE series
2019-06-20
1
© 2017-2019
Toshiba Electronic Devices & Storage Corporation
TOSHIBA CMOS Linear Integrated Circuit Silicon Monolithic
TCR2EF series
TCR2EE series
200 mA CMOS Low Dropout Regulator with Fast Load Transient Response
The TCR2EF and TCR2EE series are CMOS single output voltage
regulators with an on/off control input, featuring low dropout voltage, low
output noise voltage and fast load transient response.
These voltage regulators are available in fixed output voltages between 1.0
V and 5.0 V and capable of driving up to 200 mA. They feature overcurrent
protection, an Auto-discharge function.
The TCR2EF and TCR2EE series has a low dropout voltage of 180 mV
(2.5 V output, IOUT = 150 mA) with low output noise voltage of 35 μVrms (2.5
V output) and a load transient response of only ⊿VOUT = ±60 mV (IOUT =
1 mA⇔150 mA, COUT = 1.0 μF).
Thus, the TCR2EF and TCR2EE series are suitable for sensitive power
supply such as Analog and RF applications.
Features
•
Low dropout voltage
VDO = 150 mV (typ.) at 3.0 V output, IOUT = 150 mA
VDO = 180 mV (typ.) at 2.5 V output, IOUT = 150 mA
VDO = 230 mV (typ.) at 1.8 V output, IOUT = 150 mA
VDO = 380 mV (typ.) at 1.2 V output, IOUT = 150 mA
VDO = 510 mV (typ.) at 1.0 V output, IOUT = 150 mA
•
Low output noise voltage (VNO = 35 μVrms (typ.) at 2.5 V output, IOUT = 10 mA, 10 Hz < f < 100 kHz)
•
Fast load transient response (⊿VOUT = ±60 mV (typ.) at IOUT = 1 mA ⇔ 150 mA, COUT =1.0 μF)
•
Low quiescent bias current (IB = 35 μA (typ.) at IOUT = 0 mA)
•
High ripple rejection ratio (73 dB (typ.) at 2.5 V output, IOUT = 10 mA, f = 1 kHz)
•
Wide range output voltage line up (VOUT = 1.0 to 5.0 V)
•
High VOUT accuracy ±1.0 % (1.8 V ≤ VOUT)
•
Overcurrent protection
•
Auto-discharge
•
Pull down connection between CONTROL and GND
•
Ceramic capacitors can be used (CIN = 0.1 μF, COUT = 1.0 μF)
•
Small package ESV (SOT-553) (1.6 mm x 1.6 mm x 0.55 mm)
General package SMV (SOT-25) (2.8 mm x 2.9 mm x 1.1 mm)
SMV
ESV
Weight :
SMV (SOT-25)(SC-74A) : 16 mg ( typ.)
ESV (SOT-553)
: 3.0 mg ( typ.)
Start of commercial production
2012-10


Similar Part No. - TCR2EE

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TCR2EE TOSHIBA-TCR2EE Datasheet
1Mb / 16P
200 mA CMOS Low Drop-Out Regulator with Fast Load Transient Response
TCR2EE24 TOSHIBA-TCR2EE24 Datasheet
1Mb / 16P
200 mA CMOS Low Drop-Out Regulator with Fast Load Transient Response
TCR2EE25 TOSHIBA-TCR2EE25 Datasheet
1Mb / 16P
200 mA CMOS Low Drop-Out Regulator with Fast Load Transient Response
TCR2EE26 TOSHIBA-TCR2EE26 Datasheet
1Mb / 16P
200 mA CMOS Low Drop-Out Regulator with Fast Load Transient Response
TCR2EE27 TOSHIBA-TCR2EE27 Datasheet
1Mb / 16P
200 mA CMOS Low Drop-Out Regulator with Fast Load Transient Response
More results

Similar Description - TCR2EE

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TCR2EF15 TOSHIBA-TCR2EF15 Datasheet
1Mb / 16P
200 mA CMOS Low Drop-Out Regulator with Fast Load Transient Response
logo
Texas Instruments
TPS7A03 TI1-TPS7A03 Datasheet
284Kb / 22P
TPS7A03 Nanopower IQ, 200-nA, 200-mA, Low-Dropout Voltage Regulator With Fast Transient Response
TPS7A03 TI1-TPS7A03_V01 Datasheet
285Kb / 22P
TPS7A03 Nanopower IQ, 200-nA, 200-mA, Low-Dropout Voltage Regulator With Fast Transient Response
TPS7A03 TI1-TPS7A03_V05 Datasheet
2Mb / 42P
TPS7A03 Nanopower IQ, 200-nA, 200-mA, Low-Dropout Voltage Regulator With Fast Transient Response
TPS7A03 TI-TPS7A03_V06 Datasheet
2Mb / 43P
TPS7A03 Nanopower IQ, 200-nA, 200-mA, Low-Dropout Voltage Regulator With Fast Transient Response
TPS7A03 TI-TPS7A03_V07 Datasheet
2Mb / 44P
TPS7A03 Nanopower IQ, 200-nA, 200-mA, Low-Dropout Voltage Regulator With Fast Transient Response
TPS7A03 TI-TPS7A03_V08 Datasheet
3Mb / 45P
TPS7A03 Nanopower IQ, 200-nA, 200-mA, Low-Dropout Voltage Regulator With Fast Transient Response
TPS7A03 TI-TPS7A03_V09 Datasheet
3Mb / 45P
TPS7A03 Nanopower IQ, 200-nA, 200-mA, Low-Dropout Voltage Regulator With Fast Transient Response
TPS7A03 TI-TPS7A03_V10 Datasheet
3Mb / 47P
TPS7A03 Nanopower IQ, 200-nA, 200-mA, Low-Dropout Voltage Regulator With Fast Transient Response
APRIL 2020
TPS7A03 TI-TPS7A03_V11 Datasheet
3Mb / 48P
TPS7A03 Nanopower IQ, 200-nA, 200-mA, Low-Dropout Voltage Regulator With Fast Transient Response
APRIL 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com