Electronic Components Datasheet Search
  English  ▼

X  

STNRGPF02TR Datasheet(PDF) 5 Page - STMicroelectronics

Part # STNRGPF02TR
Description  2-channel interleaved PFC driver with embedded digital inrush current limiter function
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STNRGPF02TR Datasheet(HTML) 5 Page - STMicroelectronics

  STNRGPF02TR Datasheet HTML 1Page - STMicroelectronics STNRGPF02TR Datasheet HTML 2Page - STMicroelectronics STNRGPF02TR Datasheet HTML 3Page - STMicroelectronics STNRGPF02TR Datasheet HTML 4Page - STMicroelectronics STNRGPF02TR Datasheet HTML 5Page - STMicroelectronics STNRGPF02TR Datasheet HTML 6Page - STMicroelectronics STNRGPF02TR Datasheet HTML 7Page - STMicroelectronics STNRGPF02TR Datasheet HTML 8Page - STMicroelectronics STNRGPF02TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 43 page
background image
2
STNRGPF02/12 control architecture
The STNRGPFx2 digital controllers implement a mixed signal (analog/digital) control. The inner current loop is
performed in hardware and the outer voltage loop is performed by a digital PI controller.
The device performs a cascaded control for voltage and current loops to regulate the output voltage by acting on
the total average inductor current.
Figure 3. STNRGPF12 control scheme
Figure 3 shows the control scheme for STNRGPFx2 controllers. As can be seen the difference between output
voltage feedback vout_fb and reference vout_ref is sent to Digital Voltage Control block (PI regulator) which
calculate the peak of input average total current ipk_ref.
The PFC current reference is internally generated and come out from Multiplier block as PWM signal. After
filtering it became the total average sinusoidal input current reference itot_ref for inner current loop (analog
section, red line). The difference between the current reference itot_ref and the input current feedback Itot_fb is
sent to Analog Current compensator PI.
So the master PWM signal is generated by comparing the analog PI output Vctrl and a triangular wave Vtriang at
switching frequency. Finally, an interleaving operation is performed and two PWM signals 180° phase shifted drive
S1 and S2 power switches.
Moreover, the digital section includes an input voltage and load feedforward for fast transient response when main
voltage changes suddenly or a load step current occurs, avoiding large over or under-voltage on output
capacitor C.
STNRGPF02, STNRGPF12
STNRGPF02/12 control architecture
DS12895 - Rev 2
page 5/43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com