Electronic Components Datasheet Search
  English  ▼

X  

STP180N4F6 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STP180N4F6
Description  N-channel 40 V, 2.1 mΩ typ., 120 A STripFET™ F6 Power MOSFET in a TO-220 package
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP180N4F6 Datasheet(HTML) 1 Page - STMicroelectronics

  STP180N4F6 Datasheet HTML 1Page - STMicroelectronics STP180N4F6 Datasheet HTML 2Page - STMicroelectronics STP180N4F6 Datasheet HTML 3Page - STMicroelectronics STP180N4F6 Datasheet HTML 4Page - STMicroelectronics STP180N4F6 Datasheet HTML 5Page - STMicroelectronics STP180N4F6 Datasheet HTML 6Page - STMicroelectronics STP180N4F6 Datasheet HTML 7Page - STMicroelectronics STP180N4F6 Datasheet HTML 8Page - STMicroelectronics STP180N4F6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
October 2016
DocID028221 Rev 2
1/13
This is information on a product in full production.
www.st.com
STP180N4F6
N-
channel 40 V, 2.1 mΩ typ., 120 A STripFET™ F6
Power MOSFET in a TO-220 package
Datasheet - production data
Figure 1: Internal schematic diagram
Features
Order code
VDS
RDS(on) max.
ID
PTOT
STP180N4F6
40 V
2.7 mΩ
120 A
190 W
Very low on-resistance
Very low gate charge
High avalanche ruggedness
Low gate drive power loss
Applications
Switching applications
Power tools
Description
This device is an N-channel Power MOSFET
developed using the STripFET™ F6 technology
with a new trench gate structure. The resulting
Power MOSFET exhibits very low RDS(on) in all
packages.
Table 1: Device summary
Order code
Marking
Package
Packing
STP180N4F6
180N4F6
TO-220
Tube


Similar Part No. - STP180N4F6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP180N10F3 STMICROELECTRONICS-STP180N10F3 Datasheet
256Kb / 12P
N-channel 100 V, 4.0 m廓, 120 A STripFET??Power MOSFET D2PAK, TO-220
01-Aug-2008
logo
Inchange Semiconductor ...
STP180N10F3 ISC-STP180N10F3 Datasheet
199Kb / 2P
N-Channel MOSFET Transistor
logo
STMicroelectronics
STP180N55 STMICROELECTRONICS-STP180N55 Datasheet
178Kb / 11P
N-CHANNEL 55V - 2.9m-ohm - 120A - D-2 PAK - TO-220 MDmesh-TM Low Voltage Power MOSFET
03-Jan-2006
logo
Inchange Semiconductor ...
STP180N55 ISC-STP180N55 Datasheet
372Kb / 2P
isc N-Channel MOSFET Transistor
logo
STMicroelectronics
STP180N55F3 STMICROELECTRONICS-STP180N55F3 Datasheet
440Kb / 14P
N-channel 55V - 3.2m廓 - 120A - D2PAK/TO-220 STripFET??Power MOSFET
01-Jun-2007
More results

Similar Description - STP180N4F6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP90N6F6 STMICROELECTRONICS-STP90N6F6 Datasheet
380Kb / 13P
N-channel 60 V, 0.0057 Ω typ., 90 A STripFET™ F6 Power MOSFET in a TO-220 package
13-Mar-2015
STF260N4F7 STMICROELECTRONICS-STF260N4F7 Datasheet
470Kb / 11P
N-channel 40 V, 1.95 mΩ typ., 90 A, STripFET™ F7 Power MOSFET in a TO-220FP package
13-Oct-2015
STI175N4F6AG STMICROELECTRONICS-STI175N4F6AG Datasheet
654Kb / 12P
Automotive-grade N-channel 40 V, 2.1 mΩ typ., 120 A STripFET™ F6 Power MOSFET in an I²PAK package
26-Jan-2016
STL260N4F7 STMICROELECTRONICS-STL260N4F7 Datasheet
850Kb / 16P
N-channel 40 V, 0.9 mΩ typ., 120 A, STripFET F7 Power MOSFET in a PowerFLAT 5x6 package
03-Apr-2019
STL285N4F7AG STMICROELECTRONICS-STL285N4F7AG Datasheet
942Kb / 15P
Automotive-grade N-channel 40 V, 0.9 mΩ typ., 120 A STripFET™ F7 Power MOSFET in a PowerFLAT™ 5x6 package
09-Jun-2016
STP110N7F6 STMICROELECTRONICS-STP110N7F6 Datasheet
650Kb / 13P
N-channel 68 V, 0.0055 Ω typ., 110 A, STripFET™ F6 Power MOSFET in a TO-220 package
13-Oct-2016
STP160N4LF6 STMICROELECTRONICS-STP160N4LF6 Datasheet
817Kb / 14P
N-channel 40 V, 0.0021 mΩ typ., 120 A, STripFET™ VI DeepGATE™ Power MOSFET in a TO-220 package
24-Apr-2014
STP260N4F7 STMICROELECTRONICS-STP260N4F7 Datasheet
683Kb / 13P
N-channel 40 V, 1.8 mΩ typ., 120 A STripFET™ F7 Power MOSFET in a TO-220 package
16-Jun-2016
STW265N6F6AG STMICROELECTRONICS-STW265N6F6AG Datasheet
630Kb / 12P
Automotive N-channel 60 V, 2.3 mΩ typ., 180 A STripFET™ F6 Power MOSFET in a TO-247 package
16-Nov-2016
STL160N4F7 STMICROELECTRONICS-STL160N4F7 Datasheet
861Kb / 18P
N-channel 40 V, 2.1 mΩ typ., 120 A STripFET F7 Power MOSFET in a PowerFLAT 5x6 package
20-Nov-2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com