Electronic Components Datasheet Search
  English  ▼

X  

SFP Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SFP
Description  Optical SFP 1G
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SFP Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SFP Datasheet HTML 1Page - List of Unclassifed Manufacturers SFP Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
©2017 Integra Optics +1-877-402-3850 integraoptics.com
12.7
2.4
0.5
13.7
8.5
10.0
1.75
Optical SFP 1G
Overview
Integra manufactures the highest quality SFP transceivers in the industry, designed to be 100% interoperable
with all OEM platforms. We’re the first optics manufacturer in the Western Hemisphere to invest in high-
speed robots, allowing us to scale our operations to handle virtually any order, large or small, and ensure
every transceiver is correctly coded and tested 100% of the time.
Data Sheet
Did You Know?
You can ensure coding accuracy and eliminate time spent finding replacement optics when you choose
Integra transceivers. Our Smart Coder allows technicians to reconfigure our transceivers for specific
hardware right in the field.
Detailed Specifications
Integra Part Number
Wavelength (nm)
Distance (km)
Budget (dB)
TX Min/Max (dBm)
Rx Sensitivity (dBm)
Fiber Type
Description
SFP-SX-D
850
0.550
7.5
-9.5/-3
-17
MMF/LC
SFP 1000Base-SX
SFP-10-GD
1310
10
12
-9/-3
-21
SMF/LC
SFP 1000Base-LX
SFP-40-GD
1310
40
22
-2/3
-24
SMF/LC
SFP 1000Base-EX
SFP-80-GD
1550
80
24
0/5
-24
SMF/LC
SFP 1000Base-ZX
SFP-120-GD
1550
120
32
0/5
-32
SMF/LC
SFP 1000Base-EZX
SFP-160-GD
1550
160
40
3/7
-37
SMF/LC
SFP 1000Base-EZX
For more information on OEM support please go to www.IntegraOptics.com
Features
Operating Data Rate up to 1.25Gbps
Distance Ranging from 300m to 160km
MMF or SMF Duplex LC Connector Interface
Commercial, Extended & Industrial
Temperatures Available
Digital Diagnostics Monitoring
SFP MSA Compliant
Applications
1000Base-SX, 1000Base-LX, 1000Base-EX,
1000Base-ZX, 1000Base-EZX
Metro-Ethernet, Data Center, and Enterprise
Networks
Fibre Channel and CPRI
Extended ZX Optical Links


Similar Part No. - SFP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFP VISHAY-SFP Datasheet
88Kb / 3P
Thin Film Top-Contact Resistor with Part Mark
04-Mar-13
logo
List of Unclassifed Man...
SFP+10GBASE-ER ETC-SFP+10GBASE-ER Datasheet
162Kb / 2P
Optical SFP 10G
SFP+10GBASE-EZR ETC-SFP+10GBASE-EZR Datasheet
162Kb / 2P
Optical SFP 10G
SFP+10GBASE-LR ETC-SFP+10GBASE-LR Datasheet
162Kb / 2P
Optical SFP 10G
SFP+10GBASE-LRM ETC-SFP+10GBASE-LRM Datasheet
162Kb / 2P
Optical SFP 10G
More results

Similar Description - SFP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PSP-1G010 ETC2-PSP-1G010 Datasheet
315Kb / 8P
SFP Optical Transceivers
logo
Source Photonics, Inc.
FTM-3127C-SL2G SOURCE-FTM-3127C-SL2G Datasheet
282Kb / 10P
1G節?.5Gbps Spring-latch SFP Transceiver
logo
Finisar Corporation.
FTLX8574D3BCV FINISAR-FTLX8574D3BCV Datasheet
792Kb / 13P
1G/10G 850nmMultimode Datacom SFP Transceiver
logo
List of Unclassifed Man...
SFP-10G ETC-SFP-10G Datasheet
162Kb / 2P
Optical SFP 10G
logo
PHOENIX CONTACT
1334210 PHOENIX-1334210 Datasheet
780Kb / 22P
Transceiver - FOC-TRX-SFP-1G-SX-IT
1334212 PHOENIX-1334212 Datasheet
416Kb / 11P
Transceiver - FOC-TRX-SFP-1G-LX-ET
1334213 PHOENIX-1334213 Datasheet
416Kb / 11P
Transceiver - FOC-TRX-SFP-1G-LX-IT
logo
ATGBICS by Approved Tec...
AOC-SFP-10G-1M-AT ATGBICS-AOC-SFP-10G-1M-AT Datasheet
471Kb / 6P
Universally Coded MSA 1G/10Gb/s SFP Active Optical Cable, 1m
AOC-SFP-10G-2M-AT ATGBICS-AOC-SFP-10G-2M-AT Datasheet
471Kb / 6P
Universally Coded MSA 1G/10Gb/s SFP Active Optical Cable, 2m
AOC-SFP-10G-3M-AT ATGBICS-AOC-SFP-10G-3M-AT Datasheet
471Kb / 6P
Universally Coded MSA 1G/10Gb/s SFP Active Optical Cable, 3m
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com