Electronic Components Datasheet Search
  English  ▼

X  

TCR3DF10 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TCR3DF10
Description  300 mA CMOS Low Drop-Out Regulator with inrush current protection circuit
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TCR3DF10 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TCR3DF10 Datasheet HTML 1Page - Toshiba Semiconductor TCR3DF10 Datasheet HTML 2Page - Toshiba Semiconductor TCR3DF10 Datasheet HTML 3Page - Toshiba Semiconductor TCR3DF10 Datasheet HTML 4Page - Toshiba Semiconductor TCR3DF10 Datasheet HTML 5Page - Toshiba Semiconductor TCR3DF10 Datasheet HTML 6Page - Toshiba Semiconductor TCR3DF10 Datasheet HTML 7Page - Toshiba Semiconductor TCR3DF10 Datasheet HTML 8Page - Toshiba Semiconductor TCR3DF10 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
TCR3DF series
2013-11-15
1
TOSHIBA CMOS Linear Integrated Circuit Silicon Monolithic
TCR3DF series
300 mA CMOS Low Drop-Out Regulator with inrush current protection circuit
The TCR3DF series are CMOS general-purpose single-output
voltage regulators with an on/off control input, featuring low dropout
voltage, low output noise voltage and low inrush current.
These voltage regulators are available in fixed output voltages
between 1.0 V and 4.5 V and capable of driving up to 300 mA.
They feature over-current protection, over-temperature protection,
Inrush current protection circuit and Auto-discharge function.
The TCR3DF series has a low dropout voltage of 230 mV (2.5 V
output, IOUT = 300 mA) with low output noise voltage of 38 µVrms
(2.5 V output) and a load transient response of only ⊿VOUT = ±85
mV ( IOUT = 1 mA⇔300 mA, COUT =1.0 µF).
Thus, the TCR3DF series are suitable for sensitive power supply
such as Analog and RF applications.
Features
•
Low Drop-Out voltage
VIN-VOUT = 230 mV (typ.) at 2.5 V-output, IOUT = 300 mA
VIN-VOUT = 290 mV (typ.) at 1.8 V-output, IOUT = 300 mA
VIN-VOUT = 510 mV (typ.) at 1.2 V-output, IOUT = 300 mA
•
Low output noise voltage
VNO = 38 µVrms (typ.) at 2.5 V-output, IOUT = 10 mA, 10 Hz <= f <= 100 kHz
•
Fast load transient response (⊿VOUT = ±85 mV (typ.) at IOUT = 1 ⇔ 300 mA, COUT =1.0 µF )
•
High ripple rejection ( R.R = 70 dB (typ.) at 2.5V-output, IOUT = 10 mA, f =1kHz )
•
Over-current protection
•
Over-temperature protection
•
Inrush current protection circuit
•
Auto-discharge function
•
Pull down connection between CONTROL and GND
•
Ceramic capacitors can be used ( CIN = 1.0µF, COUT =1.0 µF )
•
General purpose package SMV(SOT-25) (SC-74A)
SMV
Weight :
SMV (SOT-25)(SC-74A) : 16 mg ( typ.)


Similar Part No. - TCR3DF10

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TCR3DG TOSHIBA-TCR3DG Datasheet
666Kb / 15P
300 mA CMOS Low Drop-Out Regulator with inrush current protection circuit
2016-03-14
TCR3DG10 TOSHIBA-TCR3DG10 Datasheet
666Kb / 15P
300 mA CMOS Low Drop-Out Regulator with inrush current protection circuit
2016-03-14
TCR3DG11 TOSHIBA-TCR3DG11 Datasheet
666Kb / 15P
300 mA CMOS Low Drop-Out Regulator with inrush current protection circuit
2016-03-14
TCR3DG12 TOSHIBA-TCR3DG12 Datasheet
666Kb / 15P
300 mA CMOS Low Drop-Out Regulator with inrush current protection circuit
2016-03-14
TCR3DG13 TOSHIBA-TCR3DG13 Datasheet
666Kb / 15P
300 mA CMOS Low Drop-Out Regulator with inrush current protection circuit
2016-03-14
More results

Similar Description - TCR3DF10

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX2954 SIPEX-SPX2954 Datasheet
204Kb / 7P
250 mA Low Drop Out Voltage Regulator
logo
Analog Devices
ADP172 AD-ADP172_10 Datasheet
579Kb / 20P
300 mA, Low Quiescent Current, CMOS Linear Regulator
REV. 0
ADP172_101 AD-ADP172_101 Datasheet
586Kb / 20P
300 mA, Low Quiescent Current CMOS Linear Regulator
REV. B
logo
ON Semiconductor
NCP4626DSN033T1G ONSEMI-NCP4626DSN033T1G Datasheet
586Kb / 28P
300 mA, Low Dropout Voltage Regulator with Reverse Current Protection
August, 2013 ??Rev. 4
logo
Toshiba Semiconductor
TCR2EF15 TOSHIBA-TCR2EF15 Datasheet
1Mb / 16P
200 mA CMOS Low Drop-Out Regulator with Fast Load Transient Response
TCR2BE10 TOSHIBA-TCR2BE10 Datasheet
282Kb / 18P
200 mA CMOS Low Drop-Out Regulator with Auto-discharge
logo
ON Semiconductor
NCP4626 ONSEMI-NCP4626 Datasheet
586Kb / 28P
300 mA, Low Dropout Voltage Regulator with Reverse Current Protection
August, 2013 ??Rev. 4
logo
Toshiba Semiconductor
TCR3DG TOSHIBA-TCR3DG Datasheet
666Kb / 15P
300 mA CMOS Low Drop-Out Regulator with inrush current protection circuit
2016-03-14
TCR3DM TOSHIBA-TCR3DM Datasheet
460Kb / 14P
300 mA CMOS Low Drop-Out Regulator with inrush current protection circuit
2017-06-20
TCR4DG TOSHIBA-TCR4DG Datasheet
406Kb / 11P
420 mA CMOS Low Drop-Out Regulator with inrush current protection circuit
2017-05-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com