Electronic Components Datasheet Search
  English  ▼

X  

TCR3DF335 Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # TCR3DF335
Description  300 mA CMOS Low Drop-Out Regulator with inrush current protection circuit
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TCR3DF335 Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TCR3DF335 Datasheet HTML 1Page - Toshiba Semiconductor TCR3DF335 Datasheet HTML 2Page - Toshiba Semiconductor TCR3DF335 Datasheet HTML 3Page - Toshiba Semiconductor TCR3DF335 Datasheet HTML 4Page - Toshiba Semiconductor TCR3DF335 Datasheet HTML 5Page - Toshiba Semiconductor TCR3DF335 Datasheet HTML 6Page - Toshiba Semiconductor TCR3DF335 Datasheet HTML 7Page - Toshiba Semiconductor TCR3DF335 Datasheet HTML 8Page - Toshiba Semiconductor TCR3DF335 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
TCR3DF series
2013-11-15
5
Application Note
1.
Recommended Application Circuit
The figure above shows the recommended configuration for using a Low-Dropout regulator. Insert a capacitor
at VOUT and VIN pins for stable input/output operation. (Ceramic capacitors can be used).
2. Power Dissipation
Both unit and board-mounted power dissipation ratings for TCR3DF series are available in the Absolute Maximum
Ratings table.
Power dissipation is measured on the board shown below.
Testing Board of Thermal Resistance
CONTROL
voltage
Output
voltage
HIGH
ON
LOW
OFF
OPEN
OFF
VOUT
GND
VIN
CONTROL
NC
●
SMV
*Board material: FR4 board
Board dimension: 25.4 mm × 25.4 mm × 1.6 mm
Copper area: 645 mm2
Ambient temperature Ta (°C)
PD – Ta (SMV)
−
40
0
0
40
120
80
200
400
600
800
①
Board dimension 25.4 mm x 25.4 mm, x
1.6 mm Copper area 645 mm2,
mounted on FR4 Board
②
Unit Rating
②
①



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com