Electronic Components Datasheet Search
  English  ▼

X  

ROS-2500 Datasheet(PDF) 2 Page - Mini-Circuits

Part # ROS-2500
Description  Voltage Controlled Oscillator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

ROS-2500 Datasheet(HTML) 2 Page - Mini-Circuits

  ROS-2500 Datasheet HTML 1Page - Mini-Circuits ROS-2500 Datasheet HTML 2Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Performance Data & Curves
ROS-2500+
Frequency and Tuning Sensitivity (at +25°C)
0
500
1000
1500
2000
2500
3000
13
57
9
11
Tuning Voltage (V)
0
60
120
180
240
300
360
-55°C
+25°C
+85°C
T SENS.
ROS-2500+
Harmonics Level
-60
-50
-40
-30
-20
-10
0
13
57
9
11
Tuning Voltage (V)
F2
F3
F4
ROS-2500+
Power Output
5
6
7
8
9
10
13
57
9
11
Tuning Voltage (V)
-55°C
+25°C
+85°C
ROS-2500+
Frequency Pushing
(Supply Voltage 12V)
0.0
1.0
2.0
3.0
4.0
5.0
135
79
11
Tuning Voltage (V)
V
TUNE
TUNING
SENS.
(MHz/V)
FREQUENCY (MHz)
POWER OUTPUT (dBm)
-55°C
+25°C
+85°C
-55°C
+25°C
+85°C
V
TUNE
HARMONICS (dBc)
FREQ. PUSHING
(MHz/V)
F2
F3
F4
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits
®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
ROS-2500+
Page 2 of 2
1.00
156.40
1501.52 1473.06 1445.18
5.70
5.77
5.28
2.00
161.35
1671.28 1634.41 1603.80
6.20
5.99
5.34
3.00
162.52
1835.76 1796.93 1766.70
7.04
6.66
5.86
4.00
152.45
1986.50 1949.39 1922.75
7.48
7.06
6.23
5.00
143.59
2126.51 2092.98 2068.65
7.57
7.15
6.29
6.00
123.11
2245.23 2216.09 2194.09
7.53
7.06
6.28
7.00
95.41
2338.10 2311.50 2290.61
7.76
7.08
6.31
8.00
68.87
2405.31 2380.37 2360.90
7.98
7.24
6.44
9.00
54.46
2455.83 2434.83 2417.91
7.94
7.18
6.27
10.00
50.25
2504.20 2485.08 2467.35
7.45
6.74
5.88
11.00
45.50
2551.88 2530.58 2511.16
6.99
6.44
5.60
1.00
-22.77
-22.05
-33.59
0.08
2.00
-22.77
-24.00
-46.07
0.19
3.00
-17.81
-24.11
-40.65
1.14
4.00
-15.93
-22.59
-40.02
2.78
5.00
-15.51
-25.38
-30.92
3.63
6.00
-14.73
-31.08
-36.45
4.26
7.00
-14.11
-35.78
-27.91
3.83
8.00
-14.60
-37.16
-28.17
2.58
9.00
-16.19
-39.47
-29.03
1.47
10.00
-17.95
-50.70
-30.33
0.79
11.00
-17.67
-38.68
-31.47
0.52



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com