Electronic Components Datasheet Search
  English  ▼

X  

STV8130A Datasheet(PDF) 4 Page - STMicroelectronics

Part # STV8130A
Description  3.3V AND ADJUSTABLE VOLTAGE REGULATORS WITH DISABLE AND RESET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV8130A Datasheet(HTML) 4 Page - STMicroelectronics

  STV8130A Datasheet HTML 1Page - STMicroelectronics STV8130A Datasheet HTML 2Page - STMicroelectronics STV8130A Datasheet HTML 3Page - STMicroelectronics STV8130A Datasheet HTML 4Page - STMicroelectronics STV8130A Datasheet HTML 5Page - STMicroelectronics STV8130A Datasheet HTML 6Page - STMicroelectronics STV8130A Datasheet HTML 7Page - STMicroelectronics STV8130A Datasheet HTML 8Page - STMicroelectronics STV8130A Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
STV8130A/STV8130B
4/9
ELECTRICAL CHARACTERISTICS
(VIN = 7V; TJ = 25°C unless otherwise specified)
Note 1: The output short circuit currents are tested one channel at a time.
During a short circuit there is heavy consumption of power, but the thermal protection circuit pre-
vents an excessively high temperature level being reached.
Safe permanent short circuits can only be guaranteed for input voltages up to16V.
Symbol
Parameter
Value
Min.
Typ.
Max.
Unit
VO1
Output Voltage
IO1 = 10mA
3.23
3.30
3.37
V
VO2
Output Voltage
IO2 = 10mA
2.8
16
V
VO1, 2
Dropout Voltage
IO1, 2 = 750mA (STV8130A)
1.4
V
IO1, 2 = 200mA (STV8130B)
VO1
Line Regulation 1
6V < VIN1 < 12V, 12V < VIN2 < 18V
for STV 8130A
and 7V < VIN < 12V for STV8130B
(@ VO2 : 10V, IO1, 2 = 200mA)
50
mV
VO2
Line Regulation 2
100
mV
VO1
Load Regulation 1
5mA < IO1, 2 < 0.6A, @ VO2 = 10V
100
mV
VO2
Load Regulation 2
200
mV
IQ
Quiescent Current
IO1 = 10mA, Output 2 Disabled
2
mA
VQ1RST
Reset Threshold Voltage
(K = VO1)
K-0.4
K-.25
K-0.1
V
VRTH
Reset Threshold Hysteresis
(see circuit description)
20
50
75
V
tRD
Reset Pulse delay at Pin 6
(STV8130A) or pin 5 (STV8130B)
C0 = 100nF (see circuit description)
25
ms
VRL
Saturation Volt. at Pin 6 in Reset
Condition for STV8130A
I6 = 5mA
0.4
V
Saturation Volt. at Pin 5 in Reset
Condition for STV8130B
I5 = 5mA
IRH
Leakage Current at Pin 6 in Normal
Condition for STV8130A
V6 = 10V
10
µA
Leakage Current at Pin 5 in Normal
Condition for STV8130A
V5 = 10V
KO1, 2
Output Volt Thermal Drift
Tj = 0 to + 125°C
100
ppm/°C
IO1, 2 sc
Short Circuit Output Current
VIN = 7V
1.6
A
VIN = 16V (see
1)1
A
VDISH
Disable Volt. at Pin 4 High (out 2
active) for STV8130A
2V
Disable Volt. at Pin 3 High (out 2
active) for STV8130B
VDISL
Disable Volt. at Pin 4 Low (out 2
disabled) for STV8130A
0.8
V
Disable Volt. at Pin 3 Low (out 2
disabled) for STV8130B
IDIS
Disable Bias Current at Pin 4
(STV8130A) or Pin 3 (STV8130B)
0V < VDIS < 7V
-100
2
µA
Vref
Pin 7 (STV8130A)
2.44
V
Pin 6 (STV8130B)
TJSD
Junction Temp. for Thermal Shut
Down
145
°C
K
O
∆V
O
10
6
⋅
∆TV
O
⋅
---------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com