Electronic Components Datasheet Search
  English  ▼

X  

STWA3N170 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STWA3N170
Description  N-channel 1700 V, 7 Ω typ., 2.6 A PowerMESH™ Power MOSFETs in TO-247 and TO-247 long leads packages
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STWA3N170 Datasheet(HTML) 5 Page - STMicroelectronics

  STWA3N170 Datasheet HTML 1Page - STMicroelectronics STWA3N170 Datasheet HTML 2Page - STMicroelectronics STWA3N170 Datasheet HTML 3Page - STMicroelectronics STWA3N170 Datasheet HTML 4Page - STMicroelectronics STWA3N170 Datasheet HTML 5Page - STMicroelectronics STWA3N170 Datasheet HTML 6Page - STMicroelectronics STWA3N170 Datasheet HTML 7Page - STMicroelectronics STWA3N170 Datasheet HTML 8Page - STMicroelectronics STWA3N170 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
STW3N170, STWA3N170
Electrical characteristics
DocID028045 Rev 1
5/14
Table 7: Source-drain diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ISD
Source-drain current
Tj = 25 °C
-
2.6
A
ISDM
Source-drain current
(pulsed)
Tj = 25 °C
-
10.4
A
VSD(1)
Forward on voltage
VGS = 0 V,
ISD = 2.6 A
-
1.5
V
trr
Reverse recovery time
ISD = 2.6 A,
di/dt = 100 A/µs,
VDD = 60 V (see
Figure 16: "Test
circuit for inductive
load switching and
diode recovery
times")
-
1.58
µs
Qrr
Reverse recovery charge
-
6
µC
IRRM
Reverse recovery current
-
7.9
A
trr
Reverse recovery time
ISD = 2.6 A,
di/dt = 100 A/µs,
VDD = 60 V,
Tj = 150 °C (see
Figure 16: "Test
circuit for inductive
load switching and
diode recovery
times")
-
2.12
µs
Qrr
Reverse recovery charge
-
8.8
µC
IRRM
Reverse recovery current
-
8.3
A
Notes:
(1) Pulse test: pulse duration = 300 µs, duty cycle 1.5%.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com