| Electronic Components Datasheet Search |
|
STX13005 Datasheet(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STX13005 Datasheet(HTML) 1 Page - STMicroelectronics |
|
1 / 13 page ![]() August 2009 Doc ID 9151 Rev 6 1/13 13 STX13005 High voltage fast-switching NPN power transistor Features ■ High voltage capability ■ Low spread of dynamic parameters ■ Minimum lot-to-lot spread for reliable operation ■ Very high switching speed Applications ■ Compact fluorescent lamp (CFL) ■ Switch mode power supplies (AC-DC converters) Description The device is manufactured using high voltage multi-epitaxial planar technology for high switching speeds and medium voltage capability. It uses a cellular emitter structure with planar edge termination to enhance switching speeds while maintaining the wide RBSOA. Figure 1. Internal schematic diagram TO-92 TO-92 AMMOPACK Table 1. Device summary(1) Order code Marking Package Packaging STX13005 X13005 TO-92 Bulk STX13005G X13005G STX13005-AP X13005 Ammopack STX13005G-AP X13005G 1. The letter "G" in the order code suffix identifies the product as ECOPACK®2 grade. Please see Section 4 for details. www.st.com |
Similar Part No. - STX13005 |
|
Similar Description - STX13005 |