Electronic Components Datasheet Search
  English  ▼

X  

STX13005G Datasheet(PDF) 5 Page - STMicroelectronics

Part # STX13005G
Description  High voltage fast-switching NPN power transistor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STX13005G Datasheet(HTML) 5 Page - STMicroelectronics

  STX13005G Datasheet HTML 1Page - STMicroelectronics STX13005G Datasheet HTML 2Page - STMicroelectronics STX13005G Datasheet HTML 3Page - STMicroelectronics STX13005G Datasheet HTML 4Page - STMicroelectronics STX13005G Datasheet HTML 5Page - STMicroelectronics STX13005G Datasheet HTML 6Page - STMicroelectronics STX13005G Datasheet HTML 7Page - STMicroelectronics STX13005G Datasheet HTML 8Page - STMicroelectronics STX13005G Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
STX13005
Electrical characteristics
Doc ID 9151 Rev 6
5/13
2.1
Electrical characteristics (curves)
Figure 2.
Safe operating area @TC = 25°C
Figure 3.
Safe operating area @TC = 135°C
Figure 4.
Derating curve
Figure 5.
Output characteristics
Figure 6.
DC current gain @VCE = 1 V
Figure 7.
DC current gain @VCE = 5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com