Electronic Components Datasheet Search
  English  ▼

X  

ER101S Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # ER101S
Description  SUPERFAST RECOVERY RECTIFIERS(VOLTAGE - 50 to 600 Volts CURRENT - 1.0 Ampere)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

ER101S Datasheet(HTML) 1 Page - Pan Jit International Inc.

  ER101S Datasheet HTML 1Page - Pan Jit International Inc. ER101S Datasheet HTML 2Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ER100S THRU ER106S
SUPERFAST RECOVERY RECTIFIERS
VOLTAGE - 50 to 600 Volts
CURRENT - 1.0 Ampere
FEATURES
l
Superfast recovery times-epitaxial construction
l
Low forward voltage, high current capability
l
Exceeds environmental standards of MIL-S-19500/228
l
Hermetically sealed
l
Low leakage
l
High surge capability
l
Plastic package has Underwriters Laboratories
Flammability Classification 94V-O utilizing
Flame Retardant Epoxy Molding Compound
MECHANICAL DATA
Case: Molded plastic, A-405
Terminals: Axial leads, solderable to per MIL-STD-202,
Method 208
Polarity: Color Band denotes cathode end
Mounting Position: Any
Weight: 0.008 ounce, 0.22 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 ¢J ambient temperature unless otherwise specified.
Resistive or inductive load, 60Hz.
ER100S ER101S ER101AS ER102S ER103S ER104S ER106S UNITS
Maximum Recurrent Peak Reverse Voltage
50
100
150
200
300
400
600
V
Maximum RMS Voltage
35
70
105
140
210
320
420
V
Maximum DC Blocking Voltage
50
100
150
200
300
400
600
V
Maximum Average Forward
Current .375"(9.5mm) lead lengths
at TA=55 ¢J
1.0
A
Peak Forward Surge Current, IFM (surge):
8.3ms single half sine-wave superimposed
on rated load(JEDEC method)
30.0
A
Maximum Forward Voltage at 1.0A DC
.95
1.25
1.7
V
Maximum DC Reverse Current
at Rated DC Blocking Voltage
5.0
£g A
Maximum DC Reverse Current at
Rated DC Blocking Voltage
TA=125 ¢J
150
£g A
Maximum Reverse Recovery Time(Note 1)
35.0
ns
Typical Junction capacitance (Note 1)
17
PF
Typical Junction Resistance(Note 2) R £KJA
50
¢J /W
Operating and Storage Temperature Range TJ
-55 to +150
¢J
NOTES:
1.
Reverse Recovery Test Conditions: IF=.5A, IR=1A, Irr=.25A
2.
Measured at 1 MHz and applied reverse voltage of 4.0 VDC
3.
Thermal resistance from junction to ambient and from junction to lead length 0.375”(9.5mm) P.C.B. mounted
A-405


Similar Part No. - ER101S

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
ER101S TRSYS-ER101S Datasheet
147Kb / 2P
SUPERFAST RECOVERY RECTIFIERS
logo
Pan Jit International I...
ER101S PANJIT-ER101S Datasheet
40Kb / 2P
SUPERFAST RECOVERY RECTIFIERS
logo
Galaxy Semi-Conductor H...
ER101S BILIN-ER101S Datasheet
73Kb / 2P
ULTRA FAST RECTIFIER
logo
Pan Jit International I...
ER101S PANJIT-ER101S Datasheet
50Kb / 2P
SUPERFAST RECOVERY RECTIFIERS
More results

Similar Description - ER101S

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
1E1 PANJIT-1E1 Datasheet
57Kb / 2P
SUPERFAST RECOVERY RECTIFIERS(VOLTAGE - 50 to 600 Volts CURRENT - 1.0 Ampere)
ER100 PANJIT-ER100 Datasheet
64Kb / 2P
SUPERFAST RECOVERY RECTIFIERS(VOLTAGE - 50 to 600 Volts CURRENT - 1.0 Ampere)
ER1A PANJIT-ER1A Datasheet
63Kb / 2P
SURFACE MOUNT SUPERFAST RECTIFIER(VOLTAGE - 50 to 600 Volts CURRENT - 1.0 Ampere)
logo
DAESAN ELECTRONIC CORP.
1N4933 DAESAN-1N4933 Datasheet
227Kb / 2P
CURRENT 1.0 Ampere VOLTAGE 50 to 600 Volts
1N4933G DAESAN-1N4933G Datasheet
321Kb / 2P
CURRENT 1.0 Ampere VOLTAGE 50 to 600 Volts
SF11 DAESAN-SF11 Datasheet
230Kb / 2P
CURRENT 1.0 Ampere VOLTAGE 50 to 600 Volts
SM4933 DAESAN-SM4933 Datasheet
293Kb / 2P
CURRENT 1.0 Ampere VOLTAGE 50 to 600 Volts
logo
Yea Shin Technology Co....
E1A YEASHIN-E1A Datasheet
365Kb / 2P
SURFACE MOUNT SUPERFAST RECTIFIER VOLTAGE - 50 to 600 Volts CURRENT - 1.0 Ampere
ES1A YEASHIN-ES1A Datasheet
41Kb / 2P
SURFACE MOUNT SUPERFAST RECTIFIER VOLTAGE - 50 to 600 Volts CURRENT - 1.0 Ampere
SF11G YEASHIN-SF11G Datasheet
56Kb / 2P
SUPERFAST RECOVERY RECTIFIERS VOLTAGE - 50 to 8 00 Volts CURRENT - 1.0 Ampere
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com