Electronic Components Datasheet Search
  English  ▼

X  

AVR Datasheet(PDF) 9 Page - TDK Electronics

Part # AVR
Description  Chip varistors ESD/Voltage protection devices
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

AVR Datasheet(HTML) 9 Page - TDK Electronics

Back Button AVR Datasheet HTML 4Page - TDK Electronics AVR Datasheet HTML 5Page - TDK Electronics AVR Datasheet HTML 6Page - TDK Electronics AVR Datasheet HTML 7Page - TDK Electronics AVR Datasheet HTML 8Page - TDK Electronics AVR Datasheet HTML 9Page - TDK Electronics AVR Datasheet HTML 10Page - TDK Electronics AVR Datasheet HTML 11Page - TDK Electronics AVR Datasheet HTML 12Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
(9/12)
20220209 / vpd_varistors_avr_en.fm
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
Voltage Protection Devices
Chip varistors
Application to board
Mounting head pressure
Under suction nozzle if dead point too, during implementation,
excessive force joins of chip varistors low, as cause causes of crack,
please use with reference to something about following.
1) Being set to top surface of substrate so that under suction nozzle
as for dead center, substrate does not bend back, and adjust,
please.
2) Nozzle pressure at implementation is 0.1 to 0.3N in static load,
please.
3) Substrate fixes up back surface of substrate with support pin in
impact of suction nozzle to wely deflection to the utmost, and
substrate hold deflection, please. A representative example is
shown in the following.
Mechanical shock that, if positioning your nail to wear, ragged edge
of positionings, participates in chip varistors are locally, and chip
varistors, as there is possibility of crack generated, cut the closed
positioning, and maintenance and inspection, and, exchange of
manage dimensions and position nail periodically, please.
Soldering
Significant impact is possible on the performance of chip varistors,
flux checks something about follow, please use.
(1) Flux uses one with 0.1wt % (Cl conversion) or less halide sub-
stance contains amounts, please. In addition, do not do this with
strongly acidic objects.
Flux during is soldered (2) Chip varistors is applied the smalleset
amount necessary, please.
(3) If Used soluble flux, perform thorough wash particularly, please.
Reflow temperature profile
Soldering iron
The tip temperature and also by (1) types of soldering irons, the size
of the substrate, and the geometry of the land pattern. Being earlier,
but when as there is possibility that crack occurs in the heat ander-
son impaction, point soldering iron temperature is high, please do
solder work within the following conditions.
Direct iron tip is in contact with the (2) chip varistors body, and the
strain owing to thermal shock in particular grows even if a crack is
generated. Therefore, please do not touch it directly to the terminal
electrodes.
Local precautions
RoHS Directive Compliant Product
Compatible with lead-free solders
Cases to avoid
Recommended case
Single-sided
mounting
Double-sided
mounting
Crack
Support pin
Solder peeling
Crack
Support pin
Item
Specification
For eutectic mixture
solder
Use of lead-free
solder
Preheating temperature
160 to 180°C
150 to 180°C
Solder melting temperature
200°C
230°C
Maximum temperature
240°C max
.
260°C max.
Preheating time
100s max.
120s max.
Time to reach higher than the
solder melting temperature
30s max.
40s max.
number of possible reflow cycles 2 max.
2 max.
Temperature
of iron tips
(°C)
Wattage
(W)
Pallet point
shape (mm)
Soldering time
(Second)
Frequency
350max.
30max.
ø3.0max.
5 max.
Within each
terminal once
(Within total of
twice)
Natural
cooling
t3
t1
Preheating
t2
Soldering
T3
T3
T4
T2
T1
t: Time
Peak



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com