Electronic Components Datasheet Search
  English  ▼

X  

AP4501SSD Datasheet(PDF) 4 Page - Advanced Power Electronics Corp.

Part # AP4501SSD
Description  N with Schottky AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP4501SSD Datasheet(HTML) 4 Page - Advanced Power Electronics Corp.

  AP4501SSD Datasheet HTML 1Page - Advanced Power Electronics Corp. AP4501SSD Datasheet HTML 2Page - Advanced Power Electronics Corp. AP4501SSD Datasheet HTML 3Page - Advanced Power Electronics Corp. AP4501SSD Datasheet HTML 4Page - Advanced Power Electronics Corp. AP4501SSD Datasheet HTML 5Page - Advanced Power Electronics Corp. AP4501SSD Datasheet HTML 6Page - Advanced Power Electronics Corp. AP4501SSD Datasheet HTML 7Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
AP4501SSD
N-Channel
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
Fig 3. On-Resistance v.s. Gate Voltage
Fig 4. Normalized On-Resistance
v.s. Junction Temperature
Fig 5. Forward Characteristic of
Fig 6. Gate Threshold Voltage v.s.
Reverse Diode
Junction Temperature
0
10
20
30
40
012
34
V DS , Drain-to-Source Voltage (V)
T A=25
o C
10V
8.0V
6.0V
5.0V
V GS=4. 0 V
0.2
0.8
1.4
2
-50
0
50
100
150
T j , Junction Temperature (
o C)
I D=5 .3 A
V GS= 10V
10
40
70
100
258
11
V GS , Gate-to-Source Voltage (V)
I D=5.3A
T A=25 ℃
℃
℃
℃
0
12
24
36
02
35
V DS , Drain-to-Source Voltage (V)
T A=150
o C
10V
8.0V
6.0V
5.0V
V GS=4.0V
0.01
0.1
1
10
100
0
0.4
0.8
1.2
V SD , Source-to-Drain Voltage (V)
T A=150
o C
T A=25
o C
0
0.5
1
1.5
2
2.5
3
-50
0
50
100
150
T j , Junction Temperature (
o C )



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com