Electronic Components Datasheet Search
  English  ▼

X  

BTB16 Datasheet(PDF) 17 Page - STMicroelectronics

Part # BTB16
Description  Snubberless™, logic level and standard 16 A Triacs
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BTB16 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button BTB16 Datasheet HTML 10Page - STMicroelectronics BTB16 Datasheet HTML 11Page - STMicroelectronics BTB16 Datasheet HTML 12Page - STMicroelectronics BTB16 Datasheet HTML 13Page - STMicroelectronics BTB16 Datasheet HTML 14Page - STMicroelectronics BTB16 Datasheet HTML 15Page - STMicroelectronics BTB16 Datasheet HTML 16Page - STMicroelectronics BTB16 Datasheet HTML 17Page - STMicroelectronics BTB16 Datasheet HTML 18Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
Revision history
Table 10. Document revision history
Date
Revision
Changes
Oct-2002
6A
Last update.
13-Feb-2006
7
TO-220AB delivery mode changed from bulk to tube. ECOPACK statement
added.
03-Jul-2009
8
Added part number T1610.
04-Dec-2009
9
Updated value for VDSM / VRSM in Table 2. Updated temperature in Table 2
from 15 °C to 86 °C.
11-Mar-2010
10
Updated value for VDSM / VRSM in Table 2. Updated temperature in Table 2
from 15 °C to 86 °C.
30-May-2018
11
Updated Section ● Product status / summary. Added T1650 package
information.
T1610, T1635, T1650, BTA16, BTB16
DS2114 - Rev 11
page 17/18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com