Electronic Components Datasheet Search
  English  ▼

X  

T835T-8G Datasheet(PDF) 6 Page - STMicroelectronics

Part # T835T-8G
Description  8 A 800 V D2PAK Snubberless™ Triac
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

T835T-8G Datasheet(HTML) 6 Page - STMicroelectronics

Back Button T835T-8G Datasheet HTML 2Page - STMicroelectronics T835T-8G Datasheet HTML 3Page - STMicroelectronics T835T-8G Datasheet HTML 4Page - STMicroelectronics T835T-8G Datasheet HTML 5Page - STMicroelectronics T835T-8G Datasheet HTML 6Page - STMicroelectronics T835T-8G Datasheet HTML 7Page - STMicroelectronics T835T-8G Datasheet HTML 8Page - STMicroelectronics T835T-8G Datasheet HTML 9Page - STMicroelectronics T835T-8G Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
2
Ordering information
Figure 13. Ordering information scheme
T
8 35
T -
8
G
TR
SnubberlessTM TRIAC
T = Triac
Current (RMS) / Type
8 = 8 A
Gate Current
35 = 35 mA
Package
G = D²PAK
Specific application
T = increased (dl/dt) and dV/dt producing reduced ITSM
Voltage
8 = 800 V
Packing
Blank = Tube
TR = Tape and reel
Table 5. Ordering information
Order code
Marking
Package
Weight
Base qty.
Delivery mode
T835T-8G-TR
T835T-8G
D²PAK
1.38 g
1000
Tape and reel
T835T-8G
50
Tube
T835T-8G
Ordering information
DS12531 - Rev 3
page 6/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com