Electronic Components Datasheet Search
  English  ▼

X  

TDA7850LV Datasheet(PDF) 3 Page - STMicroelectronics

Part # TDA7850LV
Description  4 x 50 W quad bridge amplifier suitable for low voltage car radio systems
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7850LV Datasheet(HTML) 3 Page - STMicroelectronics

  TDA7850LV Datasheet HTML 1Page - STMicroelectronics TDA7850LV Datasheet HTML 2Page - STMicroelectronics TDA7850LV Datasheet HTML 3Page - STMicroelectronics TDA7850LV Datasheet HTML 4Page - STMicroelectronics TDA7850LV Datasheet HTML 5Page - STMicroelectronics TDA7850LV Datasheet HTML 6Page - STMicroelectronics TDA7850LV Datasheet HTML 7Page - STMicroelectronics TDA7850LV Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
TDA7850LV
Block and pins description diagrams
Doc ID 17720 Rev 3
3/8
1.2
Pins description diagrams
Figure 2.
Pins connection (top view)
D94AU159A
TAB
P-GND2
OUT2-
ST-BY
OUT2+
VCC
OUT1-
P-GND1
OUT1+
SVR
IN1
IN2
S-GND
IN4
IN3
AC-GND
OUT3+
P-GND3
OUT3-
VCC
OUT4+
MUTE
OUT4-
P-GND4
HSD
1
25
D06AU1655
TAB
P-GND2
OUT2-
ST-BY
OUT2+
VCC
OUT1-
P-GND1
OUT1+
SVR
IN1
IN2
S-GND
IN4
IN3
AC-GND
OUT3+
P-GND3
OUT3-
VCC
OUT4+
MUTE
OUT4-
P-GND4
HSD
1
25
Vertical
Horizontal
1
25
SMD



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com