Electronic Components Datasheet Search
  English  ▼

X  

ADAM-5000 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # ADAM-5000
Description  3-channel RTD Input Module
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ADAM-5000 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  ADAM-5000 Datasheet HTML 1Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Distributed DA&C Systems
All product specifications are subject to change without notice
Last updated : January 2005
Channels
8 differential
Effective Resolution
16-bit
lnput Type
mV, V, mA
lnput Range
±150 mV, ±500 mV, ±1
V, ±5 V, ±10 V; ±20 mA
Isolation Voltage
3000 VDC
Fault and Overvoltage Withstands overvoltage
Protection
up to ±35 V
Sampling Rate
10 samples/sec. (total)
Input Impedance
2 M
Ω
Bandwidth
13.1 Hz @ 50 Hz, 15.72
Hz @ 60 Hz
Accuracy
±0.1% or better
Zero Drift
±1.5 mV/° C
Span Drift
±25 PPM/° C
CMR @ 50/60 Hz
92 dB min.
Power Consumption
1 W (typical);
1.25 W (max.)
Analog Signal Range
±15 V max.
Note: The voltage difference between any two pins
must not exceed ±15 V
Ordering Information
ADAM-5017
8-channel Analog Input
Module - mV, V, mA
Channels
8 differential
Effective Resolution
12-bit plus sign bit
Input Type
mV, V, mA
Input Range
±250 mV, ±500 mV,
±1 V, ±5 V, ±10 V, 0 ~
+500 mV,
0 ~ +1 V, 0 ~ +5 V, 0 ~
+10 V,
0 ~ 20 mA, 4 ~ 20 mA
Isolation Voltage
3000 VDC
Sampling Rate
Depends on base unit
ADAM-5000/485 & 5000E: 100 samples/sec
ADAM-5510:
8000 samples/sec max.: one ADAM-5017H installed
ADAM-5510KW: Up to 100 samples/sec
ADAM-5511: Up to 100 samples/sec
ADAM-5000/TCP:
1000 samples/sec max.: depending on the
performance of client server or controller
Input Impedance
20 M
Ω (voltage inputs)
125
Ω (current inputs)
Bandwidth
1 kHz
Signal Input Bandwidth 1 kHz for both voltage
and current inputs
Accuracy
±0.1% or better
CMR @ 50/60 Hz
92 dB min
Power Consumption
1.75 W (typical);
2.2 W (max)
Distinct Range Settings Allowed on Each
Channel
Note: The voltage difference between any
two pins must not exceed ±15 V
Ordering Information
ADAM-5017H
8-channel High-Speed Analog
Input Module - mV, V, mA
Channels
3
Effective Resolution
16-bit
lnput Type
PT100 or Ni RTD
RTD Types and Temperature Ranges
IEC RTD 100 ohms
Pt
-100° C
to +100° C
a=0.00385
Pt
0° C
to +100° C
a=0.00385
Pt
0° C
to +200° C
a=0.00385
Pt
0° C
to +600° C
a=0.00385
JIS RTD 100 ohms
Pt
-100° C
to +100° C
a=0.00392
Pt
0° C
to +100° C
a=0.00392
Pt
0° C
to +200° C
a=0.00392
Pt
0° C
to +600° C
a=0.00392
Ni RTD
Ni
-80° C
to +100° C
Ni
0° C
to +100° C
Isolation Voltage
3000 VDC
Sampling Rate
10 samples/sec. (total)
Input Impedance
2 M
Ω
Bandwidth
13.1 Hz @ 50 Hz, 15.72
Hz @ 60 Hz
Input Connections
2, 3 or 4 wire
Accuracy
±0.1% or better
Zero Drift
±0.015° C/° C
Span Drift
±0.01° C/° C
CMR @ 50/60 Hz
150 dB
NMR @ 50/60 Hz
100 dB
Power Consumption
0.85 W (typical);
1.1 W (max.)
Ordering Information
ADAM-5013-A1
3-channel RTD Input Module
3-channel RTD Input Module
8-channel Analog Input Module
8-channel High-Speed Analog Input Module
ADAM-5013
ADAM-5017
ADAM-5017H
ADAM-5013
ADAM-5017
ADAM-5017H
Specifications
Specifications
Specifications


Similar Part No. - ADAM-5000

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ADAM-5000 ADVANTECH-ADAM-5000 Datasheet
153Kb / 2P
Distributed DA&C System Based on RS-485
ADAM-5000-485 ADVANTECH-ADAM-5000-485 Datasheet
153Kb / 2P
Distributed DA&C System Based on RS-485
ADAM-5000-TCP ADVANTECH-ADAM-5000-TCP Datasheet
113Kb / 2P
4-slot Ethernet-based Distributed DA&C System
ADAM-5000.485 ADVANTECH-ADAM-5000.485_15 Datasheet
208Kb / 1P
4-slot Distributed DA&C System for RS-485
ADAM-5000/485 ADVANTECH-ADAM-5000/485 Datasheet
208Kb / 1P
4-slot Distributed DA&C System for RS-485
More results

Similar Description - ADAM-5000

ManufacturerPart #DatasheetDescription
logo
Grayhill, Inc
73G-ITR100 GRAYHILL-73G-ITR100 Datasheet
125Kb / 2P
RTD Input Modules
logo
Advantech Co., Ltd.
ADAM-4011 ADVANTECH-ADAM-4011 Datasheet
264Kb / 2P
Thermocouple Input Module Analog Input Module RTD Input Module
ADAM-5013 ADVANTECH-ADAM-5013 Datasheet
634Kb / 1P
3-ch RTD Input Module
ADAM-6015 ADVANTECH-ADAM-6015 Datasheet
705Kb / 1P
7-ch Isolated RTD Input Module
logo
National Instruments Co...
SCXI-1503 NI-SCXI-1503 Datasheet
704Kb / 5P
SCXI 16-Channel RTD Module
logo
Advantech Co., Ltd.
ADAM-5013 ADVANTECH-ADAM-5013_14 Datasheet
258Kb / 1P
3-ch RTD Input Module
ADAM-3613-AE ADVANTECH-ADAM-3613-AE Datasheet
277Kb / 1P
4-ch RTD Input Module
ADAM-4115 ADVANTECH-ADAM-4115 Datasheet
594Kb / 1P
Robust 6-Ch RTD Input Module
27-Feb-2020
AMAX-5015 ADVANTECH-AMAX-5015 Datasheet
483Kb / 1P
4-ch RTD Input Module
3-Dec-2020
IDAQ-815 ADVANTECH-IDAQ-815 Datasheet
320Kb / 1P
8-ch RTD Input iDAQ Module
6-Sep-2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com