Electronic Components Datasheet Search
  English  ▼

X  

FR2J Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # FR2J
Description  SURFACE MOUNT ULTRAFAST RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 2.0 Amperes)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

FR2J Datasheet(HTML) 2 Page - Pan Jit International Inc.

  FR2J Datasheet HTML 1Page - Pan Jit International Inc. FR2J Datasheet HTML 2Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING AND CHARACTERISTIC CURVES
FR2A THRU FR2K
2.0
1.5
1.0
0.5
0
50
60
70
80
90
100 110 120 130 140 150
RESISTIVE OR
INDUCTIVE LOAD P.C.
BOARD MOUNTED ON
8.0mm2 COPPER LAND
AREAS
LEAD TEMPERATURE
30
25
20
15
10
5
1
2
5
10
20
50
100
8.3ms SINGLE HALF SINE WAVE
JEDEC METHOD
NUMBER OF CYCLES AT 60Hz
Fig. 1-FORWARD CURRENT DERATING CURVE
Fig. 2-MAXIMUM NON-REPETITIVE PEAK FORWARD
SURGE CURRENT
10
1
0.1
0.01
0
.2
.4
.6
.8
1.0
1.2
1.4
1.6
TYPICAL
T
J = 25 ¢J
100
10
1.0
0.1
0
20
40
60
80
100
120
140
T
A = 125 ¢J
TA = 25 ¢J
PERCENT OF RATED PEAK REVERSE VOLTAGE, %
Fig. 3-FORWARD CHARACTERISTICS
Fig. 4-TYPICAL REVERSE CHARACTERISTICS
100
50
10
5
1
5
10
50
100
REVERSE VOLTAGE, VOLTS
NOTE:1.Rise Time = 7ns max.
Input Impedance = 1 megohm.
22pF
2.Rise Time = 10ns max.
Source Impedance = 50 Ohms
trr
+0.5A
0
-0.25
-1.0
SET TIME
1cm
BASE FOR
50 ns/cm
Fig. 5-TYPICAL JUNCTION
CHARACTERISTICS
Fig. 6-REVERSE RECOVERY TIME CHARACTERISTIC AND
TEST CIRCUIT DIAGRAM



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com