Electronic Components Datasheet Search
  English  ▼

X  

232-INSIDER Datasheet(PDF) 2 Page - Littelfuse

Part # 232-INSIDER
Description  Single-Phase Pump Monitor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

232-INSIDER Datasheet(HTML) 2 Page - Littelfuse

  232-INSIDER Datasheet HTML 1Page - Littelfuse 232-INSIDER Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© 2019 Littelfuse, Inc.
Protection Relays
Motor and Pump Protection
Rev: 2-C-042619
www.littelfuse.com/232insider
232-INSIDER
Specifications
1 Phase Line Voltage (±10 %) 230 V ac
Load Range
1/3-1 hp
Frequency
50**/60 Hz
Operating Points
Overload
125 % of Cal. Point
Underload (dry well)
80 % or 87 % of calibrated run power
High Voltage Reset Point
265
Low Voltage Reset Point
190
Trip Delay Time (Overload)
5 sec.
Trip Delay Time (Dry well)
4 sec.
Restart Delay Time
Overvoltage/Undervoltage
Delay
2 sec.
All other faults
(dry-well rec. timer)
Manual, 2-225 min.
Output Contact Rating (SPST) 1 hp @ 240 V ac (17 A max.)
Safety Marks
UL Recognized
UL 508
CSA
C22.2 No.14
Weight
10 oz.
Power Consumption
5 Watts (max.)
*Grundfos is a trademark of its respective owner.
**Note: 50 Hz will increase all delay timers by 20 %



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com