Electronic Components Datasheet Search
  English  ▼

X  

DLMU Datasheet(PDF) 2 Page - Littelfuse

Part # DLMU
Description  Voltage Monitoring Relays
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

DLMU Datasheet(HTML) 2 Page - Littelfuse

  DLMU Datasheet HTML 1Page - Littelfuse DLMU Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© 2016 Littelfuse Protection Relays & Controls
www.littelfuse.com/
Rev: 1-A-062716
Protection Relays
Voltage Monitoring Relays
www.littelfuse.com/dlmu
DLMU SERIES
Restart Delay Options
L = Lockout or minimum OFF time. The restart delay begins
when the output trips. The unit cannot be re-energized until the
restart delay is complete. This provides a minimum off time
or lockout time to allow equipment sensitive to short cycling,
time to reset. If the fault is corrected after the restart delay is
complete the output energizes immediately. The restart delay
also occurs when line voltage is applied/reapplied.
R = Restart Delay on fault correction. The restart delay begins
when line voltage is reapplied or when a voltage fault is
corrected. This option is normally selected when staggered
restarting of multiple motors on a power system is required.
N = No Restart Delay. 0.6 second initialization delay on
application of line voltage applies.
Restart Notes: All restart options remain reset when the
following conditions are detected:
1. Phase loss (phase unbalance greater than 25%)
2. Average line voltage less than 120VAC
3. Phase reversal
The restart delay begins when the condition is corrected.
LED Operation
The LED flashes green during the restart delay, then glows
green when the output energizes. It flashes red during the trip
delay then glows red when the output de-energizes. It flashes
red/green if phase reversal is sensed. If a fault is sensed during
the restart delay, the LED will glow red during that portion or the
full restart delay.
Accessories
LPSM003ZXID (Indicating),
LPSM003Z (Non-indicating) Fuse Holders
Littelfuse POWR-SAFE Dead Front holders
provide optimum protection to personnel for
Class CC and Midget-Style fuses. 600 VAC/DC
0KLK002.T Midget Fuse (2 Amp)
10 x 38 fast acting, high-interrupting capacity,
current-limiting type fuse. 600 Vac/500 Vdc
C103PM (AL) DIN Rail
35 mm aluminum DIN rail available in a 36 in.
(91.4 cm) length.
Specifications
Line Voltage
Type
3-phase delta or wye with no connection
to neutral
Operating Voltage
200-480VAC
Voltage
Line
Line Voltage
Range
Adj.Range
Frequency
Max.
240
200-240VAC
50/60Hz
380
340-420VAC
50Hz
480
400-480VAC
60Hz
550VAC
600VAC
600
500-600VAC
50/60Hz
600VAC
AC Line Frequency
50/60 Hz automatically detected
Phase Loss
≥ 25% unbalance
Response Time
≤200ms
Undervoltage & Voltage
Unbalance
Type
Voltage detection with delayed trip &
automatic reset
Overvoltage
TripVoltage
109 - 113% of the adjusted line voltage
Reset Voltage
≅ -3% of the trip voltage
Undervoltage
Trip Voltage
88 - 92% of the adjusted line voltage
Reset Voltage
≅ +3% of the trip voltage
Voltage Unbalance
Adjustable 2 - 10% or specify fixed unbalance
of 2 - 10% in 1% increments
Reset on balance
≅ -0.7% unbalance
Trip Delay
Active On
Over/undervoltage, voltage unbalance, over/
under frequency
Range
Adjustable from 1 - 30s or specify fixed delay
1 - 30s in 1s increments
Tolerance
± 15%
Restart Delay
Range
Adjustable from 0.6 - 300s; if no restart delay
is selected a 0.6s initialization delay applies
Tolerance
± 15%
Over/Under Frequency
±4%; Reset ±3%; 50/60 Hz
Phase Sequence
A, B, C, L1, L2, L3
Response Time -Phase
Reversal & Phase Loss
≤200 ms
Reset
Automatic
Output
Type
Isolated Electromechanical Relay
Form C
Isolated, SPDT
Form C Rating
10A resistive @ 240VAC;
8A resistive @ 277VAC; NO-1/4 hp @ 120VAC;
1/3 hp @ 240VAC
Form A
Isolated, NO, SPST
Form A Rating
2A @ 277VAC
Life
Mechanical - 1 x 106; Electrical - 1 x 303
Protection
Phase Reversal/Failure
ASME A17.1 Rule 210.6
Motors and Generators
NEMA MG1 14:30, 14:35
Surge
IEEE C62.41-1991 Level B
Isolation Voltage
≥ 2500V RMS input to output
Mechanical
Mounting
Surface mount with 2 #8 (M4 x 0.7) screw or
snap on 35mm DIN Rail
Note: 0.25 in.(6.35 mm) spacing between
units or other devices is required
Dimensions
H 110 mm (4.33”); W 75 mm (2.95”);
D 50 mm (1.97”)
Termination
Screw terminals with captive wire clamps for
up to #14 AWG (2.5 mm2) wire
Terminal Torque
4.4 in.-lbs.
Environmental
Operating/Storage
Temperature
-40° to 60°C / -40° to 85°C
Humidity
95% relative, non-condensing
Weight
≅ 8.6 oz (244 g)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com