Electronic Components Datasheet Search
  English  ▼

X  

KVM Datasheet(PDF) 1 Page - Littelfuse

Part # KVM
Description  Voltage Monitoring Relays
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

KVM Datasheet(HTML) 1 Page - Littelfuse

  KVM Datasheet HTML 1Page - Littelfuse KVM Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2016 Littelfuse Protection Relays & Controls
www.littelfuse.com/
Rev: 1-A-062716
Protection Relays
Voltage Monitoring Relays
www.littelfuse.com/kvm
KVM SERIES
Description
The KVM Series is a single-phase undervoltage monitor designed
to protect sensitive equipment against brownout undervoltage
conditions. The compact design and encapsulated construction
make the KVM Series an excellent choice for OEM equipment.
Operation
The output relay is energized and the LED glows green when
the input voltage is above the reset voltage threshold. If the
input voltage drops below the undervoltage setpoint, the output
relay and LED will de-energize. The output relay will remain
de-energized as long as the input voltage is below the reset
voltage. Reset is automatic when the input voltage returns to a
normal range.
Features & Benefits
FEATURES
BENEFITS
Continuous monitoring
Low cost single-phase undervoltage
(brownout) protection
Compact design
measures 2 in.
(50.8mm) square
Perfect for OEM applications where, cost, size and
ease of installation are important
LED indication
Quick visual indication of output status
Encapsulated
Protects against shock, vibration, and humidity
Accessories
P1015-64 (AWG 14/16)
Female Quick Connect
These 0.25 in. (6.35 mm) female terminals are
constructed with an insulator barrel to provide
strain relief.
P1015-18 Quick Connect to Screw Adapter
Screw adapter terminal designed for use with
all modules with 0.25 in. (6.35 mm) male quick
connect terminals.
C103PM (AL) DIN Rail
35 mm aluminum DIN rail available in a 36 in.
(91.4 cm) length.
P1023-20 DIN Rail Adapter
Allows module to be mounted on a 35 mm DIN
type rail with two #10 screws.
Wiring Diagram
L1
N/L2
V = Voltage
L = LED
S = Undervoltage
Setpoint
NO = Normally Open
NC = Normally Closed
C = Common,Transfer
Contact
Ordering Information
MODEL
MAXIMUM LINE VOLTAGE
UNDERVOLTAGE SETPOINT
KVM4
132VAC
Adjustable, 78 to 99VAC
KVM6
264VAC
Adjustable, 156 to 199VAC
If you don’t find the part you need, call us for a custom product 800-843-8848


Similar Part No. - KVM

ManufacturerPart #DatasheetDescription
logo
Isabellenhütte Heu...
KVM ISABELLENHUETTE-KVM Datasheet
975Kb / 3P
7 W power rating
logo
Level One
KVM-0115 LVL1-KVM-0115 Datasheet
309Kb / 2P
15 RackMount Console
KVM-0117 LVL1-KVM-0117 Datasheet
309Kb / 2P
17??RackMount Console
KVM-0211 LVL1-KVM-0211 Datasheet
936Kb / 2P
4-Port PS/2 KVM Switch w/ Audio
KVM-0212 LVL1-KVM-0212 Datasheet
936Kb / 2P
4-Port PS/2 KVM Switch w/ Audio
More results

Similar Description - KVM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DUA52C724 ETC2-DUA52C724 Datasheet
54Kb / 2P
Monitoring Relays DC Under Voltage
PUB02CT23 ETC2-PUB02CT23 Datasheet
211Kb / 4P
Monitoring Relays Monitoring Relays Types DUB02, PUB02
logo
Littelfuse
DLMU LITTELFUSE-DLMU Datasheet
255Kb / 2P
Voltage Monitoring Relays
2016 Rev: 1-A-062716
HLVA6I23 LITTELFUSE-HLVA6I23 Datasheet
456Kb / 2P
Voltage Monitoring Relays
2016 Rev: 1-A-062116
PLMU11 LITTELFUSE-PLMU11 Datasheet
343Kb / 2P
Protection Relays - Voltage Monitoring Relays
2016 Rev: 1-A-062116
PLR LITTELFUSE-PLR Datasheet
347Kb / 2P
Protection Relays - Voltage Monitoring Relays
2016 Rev: 1-A-062716
PLS LITTELFUSE-PLS Datasheet
349Kb / 2P
Protection Relays - Voltage Monitoring Relays
2016 Rev: 1-A-062716
TVM LITTELFUSE-TVM Datasheet
336Kb / 2P
Protection Relays - Voltage Monitoring Relays
2016 Rev: 1-A-062716
TVW LITTELFUSE-TVW Datasheet
371Kb / 2P
Protection Relays - Voltage Monitoring Relays
2016 Rev: 1-A-062716
WVM LITTELFUSE-WVM Datasheet
315Kb / 2P
Protection Relays - Voltage Monitoring Relays
2016 Rev: 1-A-062716
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com