Electronic Components Datasheet Search
  English  ▼

X  

NGR Datasheet(PDF) 6 Page - Littelfuse

Part # NGR
Description  NGR SERIES – CANADA , Neutral Grounding Resistor System
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

NGR Datasheet(HTML) 6 Page - Littelfuse

  NGR Datasheet HTML 1Page - Littelfuse NGR Datasheet HTML 2Page - Littelfuse NGR Datasheet HTML 3Page - Littelfuse NGR Datasheet HTML 4Page - Littelfuse NGR Datasheet HTML 5Page - Littelfuse NGR Datasheet HTML 6Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Littelfuse.com
© 2019 Littelfuse, Inc.
Rev: 1-B-050420
6 of 6
Protection Relays & Controls
NGR SERIES – CANADA
Specifications: 4160 V NGR Systems
Voltage
4160 V line-to-line, 2400 V line-to-neutral
Let-Through Current
5 A, 10 A, 15 A, or 25 A
Resistance
480 Ω (5 A), 240 Ω (10 A), 160 Ω (15 A),
or 96 Ω (25 A)
Tolerance
+/- 10 % resistance
Duty Cycle
Continuous-duty or 10-second-duty rating
Frequency
50-60 Hz
Current Transformer
ELCT5-31:
For use with SE-330 NGR Monitor
Turns Ratio: 100:1
Current Rating: 5:0.05 A
Primary Rating with SE-330: 5 A when
connected to terminals 8 and 11
GF Trip Range: 100 mA to 5 A
Window Diameter: 31 mm (1.22”)
SE-CS10-2.5:
For use with SE-330 NGR Monitor
Turns Ratio: 200:1
Current Rating: 12.5:0.0625 A
Primary Rating with SE-330: 10 A when
connected to terminals 8 and 11
GF Trip Range: 200 mA to 10 A
Window Diameter: 63.5 mm (2.5”)
Turns Ratio: 100:5
Current Rating: 100:5 A
Primary Rating with SE-330: 20 A when
connected to terminals 9 and 11
GF Trip Range: 400 mA to 20 A
Window Diameter: 40 mm (1.56”)
Sensing Resistor
ER-5KV
Optional ER-5WP for outdoor applications
Insulation Level
75 KV BIL
Temperature Rise
Continuous-duty rated: 385 °C (725 °F)
10-second-duty rated: 760 °C (1400 °F)
Resistor Type
Stainless Steel Wire Wound
Weights and Dimensions
5 A, continuous-duty rated:
H 1226 mm (48.28”); W 1143 mm (45.00”);
D 940 mm (37.00”); 192 kg (424 lbs)
10 A, continuous-duty rated: H 1214 mm (47.78”); W 1270 mm (50.00”);
D 1143 mm (45.00”); 235 kg (519 lbs)
15 A, continuous-duty rated: H 1214 mm (47.78”); W 1270 mm (50.00”);
D 1143 mm (45.00”); 258 kg (568 lbs)
25 A, continuous-duty rated: H 1283 mm (50.50”); W 1575 mm (62.00”);
D 1143 mm (45.00”); 320 kg (705 lbs)
5 A, 10-second-duty rated:
H 749 mm (29.50”); W 1143 mm (45.00”);
D 940 mm (37.00”); 136 kg (300 lbs)
Disclaimer Notice – Information furnished is believed to be accurate and reliable. However, users should independently evaluate the suitability of and test each product selected for their
own applications. Littelfuse products are not designed for, and may not be used in, all applications. Read complete Disclaimer Notice at www.littelfuse.com/product-disclaimer.
10 A, 10-second-duty rated: H 749 mm (29.50”); W 1143 mm (45.00”);
D 940 mm (37.00”); 136 kg (300 lbs)
15 A, 10-second-duty rated: H 749 mm (29.50”); W 1143 mm (45.00”);
D 940 mm (37.00”); 136 kg (300 lbs)
25 A, 10-second-duty rated: H 749 mm (29.50”); W 1143 mm (45.00”);
D 940 mm (37.00”); 136 kg (300 lbs)
Altitude
0-1000 masl
Enclosure Style
NEMA 3R, galvanized steel
Finish
Powder coated
Color
ANSI 61 grey
Mounting
Floor mount
Siesmic Bracing
Included
Approvals
cULus
Warranty
12 months in service or 18 months from
the date of shipment, whichever
occurs first
Accessories
SE-330 Neutral Grounding Resistor Monitor
Advanced ground-fault and neutral-grounding
resistor monitoring relay that measures neutral
current, neutral-to-ground voltage, and neutral-to-
ground resistance.
NGRM-ENC Enclosed Neutral Grounding
Resistor (NGR) Monitor
Type 4X enclosure housing a Littelfuse Startco
SE-330 Neutral Grounding Resistor Monitor and
optional accessories that include a 480/600 V
control power transformer (CPT), faulted-phase
indication (FPI; implemented with an EL3100
Ground-Fault & Phase-Voltage Indicator), earth-
leakage panel meter, pulse-enable control, and
mounting options. Appropriate fusing is included
and field wiring is to terminal blocks.
Custom NGR Systems
Additional custom NGR systems are also available from
Littelfuse. For NGR systems not listed on this sheet please
contact Littelfuse by emailing NGRquotes@Littelfuse.com



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com