Electronic Components Datasheet Search
  English  ▼

X  

NGRUS317 Datasheet(PDF) 4 Page - Littelfuse

Part # NGRUS317
Description  Neutral Grounding Resistor System , NGR SERIES – US
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

NGRUS317 Datasheet(HTML) 4 Page - Littelfuse

  NGRUS317 Datasheet HTML 1Page - Littelfuse NGRUS317 Datasheet HTML 2Page - Littelfuse NGRUS317 Datasheet HTML 3Page - Littelfuse NGRUS317 Datasheet HTML 4Page - Littelfuse NGRUS317 Datasheet HTML 5Page - Littelfuse NGRUS317 Datasheet HTML 6Page - Littelfuse NGRUS317 Datasheet HTML 7Page - Littelfuse NGRUS317 Datasheet HTML 8Page - Littelfuse NGRUS317 Datasheet HTML 9Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Littelfuse.com
© 2020 Littelfuse, Inc.
Rev: 1-B-031920
4 of 9
Protection Relays & Controls
NGR SERIES – US
PART
NUMBER
LINE-LINE
VOLTAGE (V)
LET-THROUGH
CURRENT (A)
IMPEDANCE
(OHMS)
TIME
RATING
CURRENT
TRANSFOMER
CT PRIMARY
RATING (A)
CT SECONDARY
RATING (A)
SENSING
RESISTOR
ENCLOSURE
NGRUS328
4160
10
240.5
Continuous
SE-CS10-2.5
10*
0.05
ER-5KV
NEMA 3R
NGRUS329
4160
10
240.5
Continuous
SE-CS10-2.5
10*
0.05
ER-5WP
NEMA 3R; Weather
Protected Sensing Resistor
NGRUS358
4160
10
240.5
10s
CT200
200***
5.0
ER-5KV
NEMA 3R
NGRUS359
4160
10
240.5
10s
CT200
200***
5.0
ER-5WP
NEMA 3R; Weather
Protected Sensing Resistor
NGRUS360
4160
10
240.5
Continuous
CT200
200***
5.0
ER-5KV
NEMA 3R
NGRUS361
4160
10
240.5
Continuous
CT200
200***
5.0
ER-5WP
NEMA 3R; Weather
Protected Sensing Resistor
NGRUS330
4160
15
160.3
10 s
SE-CS10-2.5
10*
0.05
ER-5KV
NEMA 3R
NGRUS331
4160
15
160.3
10 s
SE-CS10-2.5
10*
0.05
ER-5WP
NEMA 3R; Weather
Protected Sensing Resistor
NGRUS332
4160
15
160.3
Continuous
SE-CS10-2.5
10*
0.05
ER-5KV
NEMA 3R
NGRUS333
4160
15
160.3
Continuous
SE-CS10-2.5
10*
0.05
ER-5WP
NEMA 3R; Weather
Protected Sensing Resistor
NGRUS362
4160
15
160.3
10s
CT200
200***
5.0
ER-5KV
NEMA 3R
NGRUS363
4160
15
160.3
10s
CT200
200***
5.0
ER-5WP
NEMA 3R; Weather
Protected Sensing Resistor
NGRUS364
4160
15
160.3
Continuous
CT200
200***
5.0
ER-5KV
NEMA 3R
NGRUS365
4160
15
160.3
Continuous
CT200
200***
5.0
ER-5WP
NEMA 3R; Weather
Protected Sensing Resistor
NGRUS244
4160
25
96.2
10s
CT200
200***
5.0
ER-5KV
NEMA 3R
NGRUS334
4160
25
96.2
10 s
5SHT-101-E
20**
1
ER-5KV
NEMA 3R
NGRUS335
4160
25
96.2
10 s
5SHT-101-E
20**
1
ER-5WP
NEMA 3R; Weather
Protected Sensing Resistor
NGRUS336
4160
25
96.2
Continuous
5SHT-101-E
20**
1
ER-5KV
NEMA 3R
NGRUS337
4160
25
96.2
Continuous
5SHT-101-E
20**
1
ER-5WP
NEMA 3R; Weather
Protected Sensing Resistor
NGRUS366
4160
25
96.2
10s
CT200
200***
5.0
ER-5WP
NEMA 3R; Weather
Protected Sensing Resistor
NGRUS367
4160
25
96.2
Continuous
CT200
200***
5.0
ER-5KV
NEMA 3R
NGRUS368
4160
25
96.2
Continuous
CT200
200***
5.0
ER-5WP
NEMA 3R; Weather
Protected Sensing Resistor
* Connect to SE-330 terminals 8 and 11
** Connect to SE-330 terminals 9 and 11
*** Connect to SE-325 terminals CT1 and CT2
Ordering Information



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com