Electronic Components Datasheet Search
  English  ▼

X  

STU405D Datasheet(PDF) 1 Page - SamHop Microelectronics Corp.

Part # STU405D
Description  Dual E nhancement Mode Field Effect Transistor (N and P Channel)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STU405D Datasheet(HTML) 1 Page - SamHop Microelectronics Corp.

  STU405D Datasheet HTML 1Page - SamHop Microelectronics Corp. STU405D Datasheet HTML 2Page - SamHop Microelectronics Corp. STU405D Datasheet HTML 3Page - SamHop Microelectronics Corp. STU405D Datasheet HTML 4Page - SamHop Microelectronics Corp. STU405D Datasheet HTML 5Page - SamHop Microelectronics Corp. STU405D Datasheet HTML 6Page - SamHop Microelectronics Corp. STU405D Datasheet HTML 7Page - SamHop Microelectronics Corp. STU405D Datasheet HTML 8Page - SamHop Microelectronics Corp. STU405D Datasheet HTML 9Page - SamHop Microelectronics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Dual E nhancement Mode Field E ffect Transistor ( N and P Channel)
Nov,24 2005
ABS OLUTE MAXIMUM R ATINGS (TA=25 C unless otherwise noted)
Parameter
S ymbol
N-Channel P-Channel
Unit
Drain-S ource Voltage
VDS
V
Gate-S ource Voltage
VGS
V
Drain Current-Continuous @ Tc
-Pulsed
ID
11
A
A
A
W
IDM
Drain-S ource Diode Forward Current
IS
Maximum Power Dissipation
PD
Operating Junction and S torage
Temperature R ange
TJ, TS TG
-55 to 175
C
a
40
8
-40
-12
-6
1
P R ODUC T S UMMAR Y
V DS S
ID
R DS (ON) ( m W ) Max
40V
16A
30 @ VGS = 10V
40 @ V GS = 4.5V
(N-C hannel)
P R ODUC T S UMMAR Y
V DS S
ID
-40V
-12A
48 @ V GS = -10V
65 @ V GS = -4.5V
(P -C hannel)
S amHop Microelectronics C orp.
20
20
-50
S T U405D
R DS (ON) ( m W ) Max
16
50
25 C
70 C
Tc= 25 C
Tc= 70 C
7.7
13.8
-10
A
THE R MAL CHAR ACTE R IS TICS
Thermal R esistance, Junction-to-Case
Thermal R esistance, Junction-to-Ambient
R JC
13.6
120
R JA
/W
C
/W
C
S 1
G1
D1
N-ch
S 2
G2
D2
P-ch
TO-252-5L
D1/D2
S 1
G1
S 2 G2
D1/D2


Similar Part No. - STU405D

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
STU405DH SAMHOP-STU405DH Datasheet
120Kb / 11P
Dual E nhancement Mode Field E ffect Transistor ( N and P Channel)
More results

Similar Description - STU405D

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
STM4512 SAMHOP-STM4512 Datasheet
253Kb / 11P
Dual E nhancement Mode Field Effect Transistor(N and P Channel)
STM8303 SAMHOP-STM8303 Datasheet
976Kb / 11P
Dual E nhancement Mode Field Effect Transistor (N and P Channel)
STM8305 SAMHOP-STM8305 Datasheet
1Mb / 11P
Dual E nhancement Mode Field Effect Transistor (N and P Channel)
STM8306 SAMHOP-STM8306 Datasheet
781Kb / 11P
Dual E nhancement Mode Field Effect Transistor ( N and P Channel)
STM8358S SAMHOP-STM8358S Datasheet
815Kb / 11P
Dual E nhancement Mode Field Effect Transistor (N and P Channel)
STM8402 SAMHOP-STM8402 Datasheet
935Kb / 11P
Dual E nhancement Mode Field Effect Transistor (N and P Channel)
STM8403 SAMHOP-STM8403 Datasheet
843Kb / 11P
Dual E nhancement Mode Field Effect Transistor (N and P Channel)
STM8500 SAMHOP-STM8500 Datasheet
1Mb / 11P
Dual E nhancement Mode Field Effect Transistor (N and P Channel)
STM8501 SAMHOP-STM8501 Datasheet
832Kb / 11P
Dual E nhancement Mode Field Effect Transistor (N and P Channel)
STU404D SAMHOP-STU404D Datasheet
951Kb / 11P
Dual E nhancement Mode Field Effect Transistor (N and P Channel)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com